Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 7 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 7 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 3Page - Analog Devices DFE252012F-R47M Datasheet HTML 4Page - Analog Devices DFE252012F-R47M Datasheet HTML 5Page - Analog Devices DFE252012F-R47M Datasheet HTML 6Page - Analog Devices DFE252012F-R47M Datasheet HTML 7Page - Analog Devices DFE252012F-R47M Datasheet HTML 8Page - Analog Devices DFE252012F-R47M Datasheet HTML 9Page - Analog Devices DFE252012F-R47M Datasheet HTML 10Page - Analog Devices DFE252012F-R47M Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 122 page
background image
Absolute Maximum Ratings
SYS to AGND ...................................................... -0.3V to +17.6V
ALT_IN to AGND ................................................... -0.3V to +6.0V
VDD to AGND ........................................................ -0.3V to +2.2V
VL12, VL34 to AGND, PGND ................................. -0.3V to +2.2V
CE to AGND ........................... -0.3V to min (VSYS + 0.3, +17.6)V
CFGx to AGND........................... -0.3V to min (VDD + 0.3, +2.2)V
SELx to AGND ........................... -0.3V to min (VDD + 0.3, +2.2)V
INx to PGNDx, AGND.......................................... -0.3V to +17.6V
LXx to PGNDx ..................................................... -0.3V to +17.6V
LXx to PGNDx (less than 10ns) .................... (VIN - 22)V to +22V
BSTx to LXx .......................................................... -0.3V to +2.2V
SNSxP to AGND ................................................. -0.3V to +12.0V
SNSxN to AGND.................................................... -0.3V to +0.3V
PGNDx to AGND ................................................... -0.3V to +0.3V
VIO to AGND.......................................................... -0.3V to +2.2V
SCL to AGND......................................................... -0.3V to +2.2V
SDA to AGND ........................................................ -0.3V to +2.2V
IRQB to AGND....................................................... -0.3V to +2.2V
MFIOx to AGND...........................-0.3V to min (VIO + 0.3, +2.2)V
Continuous Power Dissipation (JESD51-7, TA = +70ºC)
60 WLP (derate 25.4mW/°C above +70°C).................2037mW
Junction Temperature ....................................................... +150°C
Storage Temperature Range ..............................-65°C to +150°C
Soldering Temperature (reflow) ........................................+260°C
Note 1: LXx has internal clamp diodes to its corresponding PGNDx and INx. Applications that forward bias these diodes should take
care not to exceed the IC's package power dissipation limits.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the
device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Recommended Operating Conditions
PARAMETER
SYMBOL
CONDITION
TYPICAL
RANGE
UNIT
Input Voltage Range
VIN
2.8 to 16
V
Output Current Range
IOUT
For continuous operation at 4A, the junction
temperature (TJ) is limited to +120ºC; if the
junction temperature is higher than +120ºC, the
expected lifetime at 4A continuous operation is
derated
0 to 4
A
Junction Temperature Range
TJ
-40 to
+125
ºC
Note: These limits are not guaranteed.
Package Information
60 WLP (Thick UBM)
Packkage Code
W602A4Z+1
Outline Number
21-100610
Land Pattern Number
Application Note 1891
Thermal Resistance, Four-Layer Board:
Junction-to-Ambient (θJA)
39.27°C/W
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com