Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 66 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 66 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 62Page - Analog Devices DFE252012F-R47M Datasheet HTML 63Page - Analog Devices DFE252012F-R47M Datasheet HTML 64Page - Analog Devices DFE252012F-R47M Datasheet HTML 65Page - Analog Devices DFE252012F-R47M Datasheet HTML 66Page - Analog Devices DFE252012F-R47M Datasheet HTML 67Page - Analog Devices DFE252012F-R47M Datasheet HTML 68Page - Analog Devices DFE252012F-R47M Datasheet HTML 69Page - Analog Devices DFE252012F-R47M Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 122 page
background image
TOPSYS_STAT (0x04)
BIT
7
6
5
4
3
2
1
0
Field
RESERVED[2:0]
ALT_SWO
VIOFLT
UVLO
TSHDN
TWARN
Reset
0x0
0x0
0x0
0x0
0x0
0x0
Access
Type
Read Only
Read Only
Read Only
Read Only
Read Only
Read Only
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
RESERVED
7:5
O
Reserved. Returns 0.
ALT_SWO
4
O
Alternate Input Switchover Status
0x0 = VDD, VL12, and VL34 LDOs are
powered from SYS.
0x1 = VDD, VL12, and VL34 LDOs are
powered from ALT_IN.
VIOFLT
3
O
VIO Fault Status
0x0 = VIO ≥ VIO_UVLO_R.
0x1 = VIO ≤ VIO_UVLO_F.
UVLO
2
O
SYS Undervoltage Lock-Out Status
0x0 = VSYS ≥ VUVLO_R.
0x1 = VSYS ≤ VUVLO_F.
TSHDN
1
O
Thermal-Shutdown Status
0x0 = TJ ≤ +150°C.
0x1 = TJ ≥ +165°C.
TWARN
0
O
Thermal-Warning Status
0x0 = TJ ≤ TWARN_TH[2:0].
0x1 = TJ ≥ TWARN_TH[2:0].
DEVICE_CFG1 (0x06)
BIT
7
6
5
4
3
2
1
0
Field
PH_CFG[2:0]
CFG1_LATCH[4:0]
Reset
0x0
0x0
Access
Type
Read Only
Read Only
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
PH_CFG
7:5
O
Phase Configuration
0x0 = 1PH + 1PH + 1PH + 1PH (4
outputs).
0x1 = 2PH + 1PH + 1PH (3 outputs).
0x2 = 2PH + 2PH (2 outputs).
0x3 = 3PH + 1PH (2 outputs).
0x4 = 4PH (1 output).
0x5–0x7 = Reserved.
CFG1_LAT
CH
4:0
O
CFG1 Latched Code
DEVICE_CFG2 (0x07)
BIT
7
6
5
4
3
2
1
0
Field
RESERVED[2:0]
CFG2_LATCH[4:0]
Reset
0x0
0x0
Access
Type
Read Only
Read Only
BITFIELD
BITS
TYPE
DESCRIPTION
RESERVED
7:5
O
Reserved. Returns 0.
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com