Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 17 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 17 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 13Page - Analog Devices DFE252012F-R47M Datasheet HTML 14Page - Analog Devices DFE252012F-R47M Datasheet HTML 15Page - Analog Devices DFE252012F-R47M Datasheet HTML 16Page - Analog Devices DFE252012F-R47M Datasheet HTML 17Page - Analog Devices DFE252012F-R47M Datasheet HTML 18Page - Analog Devices DFE252012F-R47M Datasheet HTML 19Page - Analog Devices DFE252012F-R47M Datasheet HTML 20Page - Analog Devices DFE252012F-R47M Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 122 page
background image
Electrical Characteristics—I2C Serial Interface (continued)
(VSYS = 12V, VCE = 1.8V, VIO = 1.8V, TA = TJ = -40°C to +125°C, typical values are at TA = TJ = +25°C, unless otherwise noted. Note
2.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL, SDA Input Logic
High Threshold
VIH
0.75 x
VIO
V
SCL, SDA Input
Hysteresis
VHYS
0.3
V
SDA Output Logic Low
Threshold
VOL_SDA
Sinking 20mA
0.2
V
SCL, SDA Input
Leakage Current
ILKG
VSCL = VSDA = 0V or 2.0V
-10
+10
μA
SCL, SDA Pin
Capacitance
(Note 7)
10
pF
STANDARD, FAST, AND FAST MODE PLUS TIMING
Clock Frequency
fSCL
1
MHz
Hold Time (Repeated)
Start Condition
tHD;STA
260
ns
SCL Low Period
tLOW
500
ns
SCL High Period
tHIGH
260
ns
Setup Time Repeated
Start Condition
tSU;STA
260
ns
Data Hold Time
tHD;DAT
0
μs
Data Setup Time
tSU;DAT
50
ns
Setup Time for Stop
Condition
tSU;STO
260
ns
Bus Free Time Between
Stop and Start Condition
tBUF
0.5
μs
Input Filter Suppressed
Spike Pulse Width
tSP
(Note 7)
50
ns
HIGH-SPEED MODE TIMING
Clock Frequency
fSCL
High-speed mode
3.4
MHz
Setup Time Repeated
Start Condition
tSU;STA
160
ns
Hold Time (Repeated)
Start Condition
tHD;STA
160
ns
SCL Low Period
tLOW
160
ns
SCL High Period
tHIGH
60
ns
Data Setup Time
tSU;DAT
10
ns
Data Hold Time
tHD;DAT
0
μs
Setup Time for Stop
Condition
tSU;STO
160
ns
Input Filter Suppressed
Spike Pulse Width
tSP
(Note 7)
10
ns
Note 2: The MAX77542 is tested under pulsed load conditions such that TJ ≈ TA. Limits are 100% tested at TA = +25°C. Limits over the
operating temperature range (TJ = -40°C to +125°C) are guaranteed by design and characterization using statistical process
control methods. Note that the maximum ambient temperature consistent with this specification is determined by specific
operating conditions, board layout, rated package thermal impedance, and other environmental factors.
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com