Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 45 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 45 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 41Page - Analog Devices DFE252012F-R47M Datasheet HTML 42Page - Analog Devices DFE252012F-R47M Datasheet HTML 43Page - Analog Devices DFE252012F-R47M Datasheet HTML 44Page - Analog Devices DFE252012F-R47M Datasheet HTML 45Page - Analog Devices DFE252012F-R47M Datasheet HTML 46Page - Analog Devices DFE252012F-R47M Datasheet HTML 47Page - Analog Devices DFE252012F-R47M Datasheet HTML 48Page - Analog Devices DFE252012F-R47M Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 122 page
background image
Table 8. Default VOUT2/3/4 Selection (continued)
RSEL2/3/4 (Ω)
TARGET VOUT2/3/4 (V)
VOUT2/3/4 RANGE
64.9k
3.3
High
75.0k
3.4
High
86.6k
3.8
High
100k
5.0
High
≥ 115k
Factory Option
Output-Voltage Setting
The output voltages (VOUTx) are adjustable between 0.3V and 5.2V in 5mV, 10mV, or 20mV steps depending on the
Mx_RNG[1:0] bits as shown in Table 9. In each output-voltage range, the lowest code (0x00) of the output-voltage setting
registers represents the minimum output voltage and the target output voltage is increased by one LSB step as the code
increases. The Mx_VOUT_M[7:0] registers digitally limit the maximum programmable output voltages in each range even
if the code increases beyond that point.
Each master phase has three output-voltage control registers. The Mx_VOUT_H[7:0] register is used for normal
operation when the VSEL function and VB functions are not used (VSEL_Mx and VB_Mx signals are considered logic
high). When the VSEL or VB function of the MFIOx is selected, the Mx_VOUT_L[7:0] or the Mx_VOUT_B[7:0] register
controls the output voltage depending on the logic inputs. See the Output-Voltage Selection (VSEL) and Boot (Default)
Output-Voltage Selection (VB) sections for more information.
The default values of the Mx_VOUT_H[7:0], the Mx_VOUT_L[7:0], the Mx_VOUT_B[7:0], and the Mx_RNG[1:0] registers
are set by the corresponding RSELx values. See the Default Output-Voltage Selection (SELx) section for more
information.
For output voltages that have overlapping ranges (e.g., 1V), select the desired range by trading off the load transient
response and the required effective output capacitance. Using the 1V output example: use low range for a slightly better
load transient response, or mid range for a slightly worse transient response but with less effective output capacitance
requirement. See the Output-Capacitor Selection for more information on the required effective output capacitance for
the different output-voltage ranges.
Table 9. Buck Output-Voltage Range
Mx_RNG[1:0]
VOUT PROGRAMMING RANGE
STEP PER LSB
0x0 (Low range)
0.3V to 1.3V
5mV
0x1 (Mid range)
0.6V to 2.6V
10mV
0x2 (High range)
1.2V to 5.2V
20mV
Note that the Mx_RNG[1:0] bits are latched by RSELx detection and are protected from unauthorized access. In case the
output-voltage range needs to be changed during operation, contact sales representatives.
Soft-Start and Soft-Stop
The bucks always soft-start whenever they are enabled (regardless of the EN_Mx (MFIOx) or I2C command) or when
recovering from a fault condition. When the individual buck is disabled by the EN_Mx (MFIOx) or I2C command, the buck
always initiates soft-stop. When a POK fault time-out or a SCP event occurs to a buck output, only the corresponding
buck stops switching immediately (LX node becomes high impedance) without affecting the operation of the other buck
outputs. In case a UVLO or a TSHDN fault happens, all buck outputs stop switching immediately.
Each buck has internal ramps that control the slew rate of output-voltage changes during soft-start and soft-stop. The
soft-start and the soft-stop slew rates are set individually by the Mx_SSTRT_SR[2:0] and the Mx_SSTOP_SR[2:0] bits,
respectively. During soft-start and soft-stop, the bucks automatically enter FPWM mode regardless of operating mode
settings when the Mx_FSREN bits are set to 1 (default). To support "Pre-biased" startup (startup without discharging pre-
existing voltage at the output), the Mx_FSREN and the Mx_ADIS100 bits need to be set to 0 before the buck is enabled.
The Mx_SSTRT_SR[2:0] and the Mx_SSTOP_SR[2:0] bits set the slew rates of a voltage reference to an error amplifier.
When the fastest slew-rate option is selected, the actual output-voltage slew rate might be slower than the target
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com