Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 70 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 70 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 66Page - Analog Devices DFE252012F-R47M Datasheet HTML 67Page - Analog Devices DFE252012F-R47M Datasheet HTML 68Page - Analog Devices DFE252012F-R47M Datasheet HTML 69Page - Analog Devices DFE252012F-R47M Datasheet HTML 70Page - Analog Devices DFE252012F-R47M Datasheet HTML 71Page - Analog Devices DFE252012F-R47M Datasheet HTML 72Page - Analog Devices DFE252012F-R47M Datasheet HTML 73Page - Analog Devices DFE252012F-R47M Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 122 page
background image
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
M2_RSTOB
_EN
1
O
RSTOB (MFIO) Control for Buck Master2
Fault
0x0 = Disable.
0x1 = Enable (assert RSTOB signal when
Buck Master2 SCP fault occurs).
M1_RSTOB
_EN
0
O
RSTOB (MFIO) Control for Buck Master1
Fault
0x0 = Disable.
0x1 = Enable (assert RSTOB signal when
Buck Master1 SCP fault occurs).
EN_CTRL (0x10)
BIT
7
6
5
4
3
2
1
0
Field
M4_LPM
M3_LPM
M2_LPM
M1_LPM
M4_EN
M3_EN
M2_EN
M1_EN
Reset
0x0
0x0
0x0
0x0
0x0
0x0
0x0
0x0
Access
Type
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
M4_LPM
7
O
Buck Master4 Low-Power Mode Control
0x0 = Disable.
0x1 = Enable (OR logic with LPM_M4
input).
M3_LPM
6
O
Buck Master3 Low-Power Mode Control
0x0 = Disable.
0x1 = Enable (OR logic with LPM_M3
input).
M2_LPM
5
O
Buck Master2 Low-Power Mode Control
0x0 = Disable.
0x1 = Enable (OR logic with LPM_M2
input).
M1_LPM
4
O
Buck Master1 Low-Power Mode Control
0x0 = Disable.
0x1 = Enable (OR logic with LPM_M1
input).
M4_EN
3
O
Buck Master4 Enable Control
0x0 = Disable.
0x1 = Enable (OR logic with EN_M4 input).
M3_EN
2
O
Buck Master3 Enable Control
0x0 = Disable.
0x1 = Enable (OR logic with EN_M3 input).
M2_EN
1
O
Buck Master2 Enable Control
0x0 = Disable.
0x1 = Enable (OR logic with EN_M2 input).
M1_EN
0
O
Buck Master1 Enable Control
0x0 = Disable.
0x1 = Enable (OR logic with EN_M1 input).
GLB_CFG1 (0x11)
BIT
7
6
5
4
3
2
1
0
Field
M1_SHDN_DLY[3:0]
M1_STUP_DLY[3:0]
Reset
0x8
0x0
Access
Type
Write, Read
Write, Read
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
M1_SHDN_
DLY
7:4
O
Buck Master1 Shutdown Delay Control
0x0–0xE = (DLY_STEP x
M1_SHDN_DLY)ms.
0xF = Reserved.
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com