Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 46 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 46 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 42Page - Analog Devices DFE252012F-R47M Datasheet HTML 43Page - Analog Devices DFE252012F-R47M Datasheet HTML 44Page - Analog Devices DFE252012F-R47M Datasheet HTML 45Page - Analog Devices DFE252012F-R47M Datasheet HTML 46Page - Analog Devices DFE252012F-R47M Datasheet HTML 47Page - Analog Devices DFE252012F-R47M Datasheet HTML 48Page - Analog Devices DFE252012F-R47M Datasheet HTML 49Page - Analog Devices DFE252012F-R47M Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 122 page
background image
setting due to limited sourcing and the sinking current capabilities of bucks under given circuit parameters and operating
conditions. See Table 10 for more information.
Dynamic Output-Voltage Scaling
In a typical processing power application, there are several power domains in which the operating (clock) frequency of
the processor is increased or decreased based on the amount of tasks in a given time. When the operating frequency
needs to be changed, it is expected that the corresponding buck converter responds to a command for changing its
output voltage to a new target value with a specific slew rate.
Whenever a new target value is written in the Mx_VOUT_H[7:0] bits through I2C while the corresponding buck is enabled,
the output voltage starts to change. The output voltage ramps up (or down) at a positive (or negative) slew rate set by
the corresponding Mx_RU_SR[2:0] (or Mx_RD_SR[2:0]) bits. When the Mx_FSREN bit is set, the corresponding buck
enters FPWM mode automatically (regardless of the Mx_FPWM bit) during the output voltage ramp-down (or soft-stop).
In FPWM mode, the buck can sink current from the COUTx to the PGNDx through the low-side MOSFET which allows
the VOUTx to track the negative rate set by the Mx_RD_SR[2:0] bits.
Table 10. Mx_FSREN Effect on Buck Behavior
OPERATING
MODE
Mx_FSREN
BUCK BEHAVIOR IN STEADY
STATE
BUCK BEHAVIOR DURING DYNAMIC VOLTAGE
SCALING
Skip or LP-Skip
0
Source Only
Source Only
1
Source Only
Source or Sink
FPWM
X
Source or Sink
Source or Sink
Note: Buck outputs (VOUTx) with current sinking capability can follow the negative ramp rates set by the Mx_RD_SR[2:0]
or the Mx_SSTOP_SR[2:0].
If the negative inductor current reaches the INLIM (typ -3A), the low-side MOSFET is turned off immediately and the buck
initiates a new on-time (high-side MOSFET turn-on). Thus, the maximum slew rate during output-voltage ramp-down (or
soft-stop) is limited if an effective output capacitance is very high for the selected ramp-down (or soft-stop) slew rate. The
maximum output-voltage slew rate is calculated by following formula, dVC/dt = iC/C.
Output-Voltage Active Discharge
Each buck converter integrates a 100Ω active discharge resistor between the LXx and the PGNDx for discharging the
output capacitor when the buck output is disabled. For faster output-voltage discharge at the end of soft-stop, a 1Ω active
discharge function is added. Those two active discharge resistors are individually enabled by setting the Mx_ADIS100
and the Mx_ADIS1 bits, respectively. If both the Mx_ADIS100 and the Mx_ADIS1 are set to 1, the 1Ω active discharge is
first activated for 1ms right after soft-stop is completed, and the 100Ω active discharge is then enabled until the next time
the buck is enabled. In shutdown mode (CE = 0), the 100Ω active discharge of each buck phase is deactivated.
Note that the 1Ω active discharge function of the corresponding output must be disabled (Mx_ADIS1 = 0) to avoid
excessive power dissipation when the falling slew-rate control feature is disabled (Mx_FSREN = 0).
Bootstrap Refresh
When the buck is in drop-out operation or in skip (or LP-skip) mode under extremely light load condition, the low-side
MOSFET does not turn on for a long period of time. In this case, the buck controller occasionally turns on the low-side
MOSFET for about 100ns (typ) to charge a bootstrap circuit for driving the high-side MOSFET. The bootstrap-refresh
interval is set to 128μs by default. The bootstrap-refresh interval can be reduced to 10μs when the Mx_REFRESH bit is
set to 1. The bootstrap-refresh interval selection is shown in Table 11.
Table 11. Bootstrap-Refresh Interval Selection
Mx_REFRESH
REFRESH INTERVAL
0
128μs
1
10μs
The bootstrap refresh is also required when the buck converter starts switching. As a part of the startup procedure, the
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com