Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 65 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 65 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 61Page - Analog Devices DFE252012F-R47M Datasheet HTML 62Page - Analog Devices DFE252012F-R47M Datasheet HTML 63Page - Analog Devices DFE252012F-R47M Datasheet HTML 64Page - Analog Devices DFE252012F-R47M Datasheet HTML 65Page - Analog Devices DFE252012F-R47M Datasheet HTML 66Page - Analog Devices DFE252012F-R47M Datasheet HTML 67Page - Analog Devices DFE252012F-R47M Datasheet HTML 68Page - Analog Devices DFE252012F-R47M Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 122 page
background image
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
ALT_SWO_
I
4
O
Alternate Input Switchover Interrupt
0x0 = Input voltage of internal bias circuitry
has not switched to ALT_IN input.
0x1 = Input voltage of internal bias circuitry
has switched to ALT_IN input.
VIOFLT_I
3
O
VIO Fault Interrupt
0x0 = I/O supply (VIO) has not dropped
below its UVLO threshold.
0x1 = I/O supply (VIO) has dropped below
its UVLO threshold.
UVLO_I
2
O
SYS Undervoltage Lock-Out Interrupt
0x0 = Input voltage (VSYS) has not
dropped below UVLO threshold.
0x1 = Input voltage (VSYS) has dropped
below UVLO threshold.
TSHDN_I
1
O
Thermal-Shutdown Interrupt
0x0 = Junction temperature has not risen
above thermal-shutdown threshold
(+165°C).
0x1 = Junction temperature has risen
above thermal-shutdown threshold
(+165°C).
TWARN_I
0
O
Thermal-Warning Interrupt
0x0 = Junction temperature has not risen
above TWARN_TH[2:0].
0x1 = Junction temperature has risen
above TWARN_TH[2:0].
TOPSYS_MSK (0x03)
BIT
7
6
5
4
3
2
1
0
Field
RESERVED[2:0]
ALT_SWO_
M
VIOFLT_M
UVLO_M
TSHDN_M
TWARN_M
Reset
0x7
0x1
0x1
0x0
0x1
0x1
Access
Type
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
RESERVED
7:5
O
Reserved. Returns 1.
ALT_SWO_
M
4
O
Alternate Input Switchover Interrupt Mask
0x0 = Enable ALT_SWO_I.
0x1 = Mask ALT_SWO_I.
VIOFLT_M
3
O
VIO Fault Interrupt Mask
0x0 = Enable VIOFLT_I.
0x1 = Mask VIOFLT_I.
UVLO_M
2
O
SYS Undervoltage Lock-Out Interrupt
Mask
0x0 = Enable UVLO_I.
0x1 = Mask UVLO_I.
TSHDN_M
1
O
Thermal-Shutdown Interrupt Mask
0x0 = Enable TSHDN_I.
0x1 = Mask TSHDN_I.
TWARN_M
0
O
Thermal-Warning Interrupt Mask
0x0 = Enable TWARN_I.
0x1 = Mask TWARN_I.
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com