Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 72 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 72 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 68Page - Analog Devices DFE252012F-R47M Datasheet HTML 69Page - Analog Devices DFE252012F-R47M Datasheet HTML 70Page - Analog Devices DFE252012F-R47M Datasheet HTML 71Page - Analog Devices DFE252012F-R47M Datasheet HTML 72Page - Analog Devices DFE252012F-R47M Datasheet HTML 73Page - Analog Devices DFE252012F-R47M Datasheet HTML 74Page - Analog Devices DFE252012F-R47M Datasheet HTML 75Page - Analog Devices DFE252012F-R47M Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 122 page
background image
GLB_CFG5 (0x15)
BIT
7
6
5
4
3
2
1
0
Field
FPSO_SHDN_DLY[3:0]
FPSO_STUP_DLY[3:0]
Reset
0x0
0x8
Access
Type
Write, Read
Write, Read
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
FPSO_SHD
N_DLY
7:4
O
FPSO Shutdown Delay Control
0x0–0xE = (DLY_STEP x
FPSO_SHDN_DLY)ms.
0xF = Reserved.
FPSO_STU
P_DLY
3:0
O
FPSO Startup Delay Control
0x0–0xE = (DLY_STEP x
FPSO_STUP_DLY)ms.
0xF = No startup (excluded from FPS).
GLB_CFG6 (0x16)
BIT
7
6
5
4
3
2
1
0
Field
RESERVED[5:0]
DLY_STEP[1:0]
Reset
0x0
0x1
Access
Type
Write, Read
Write, Read
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
RESERVED
7:2
O
Reserved. Returns 0.
DLY_STEP
1:0
O
Delay Step Size
0x0 = 0.5ms.
0x1 = 1ms.
0x2 = 2ms.
0x3 = 4ms.
GLB_CFG7 (0x17)
BIT
7
6
5
4
3
2
1
0
Field
RESERVED[6:0]
FPS_EN
Reset
0x0
0x0
Access
Type
Write, Read
Write, Read
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
RESERVED
7:1
O
Reserved. Returns 0.
FPS_EN
0
O
Flexible Power Sequencer Enable for
Startup and Shutdown
0-to-1 Transition: Initialize startup
sequence (OR logic with FPSI input).
1-to-0 Transition: Initialize shutdown
sequence (OR logic with FPSI input).
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com