Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 11 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 11 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 7Page - Analog Devices DFE252012F-R47M Datasheet HTML 8Page - Analog Devices DFE252012F-R47M Datasheet HTML 9Page - Analog Devices DFE252012F-R47M Datasheet HTML 10Page - Analog Devices DFE252012F-R47M Datasheet HTML 11Page - Analog Devices DFE252012F-R47M Datasheet HTML 12Page - Analog Devices DFE252012F-R47M Datasheet HTML 13Page - Analog Devices DFE252012F-R47M Datasheet HTML 14Page - Analog Devices DFE252012F-R47M Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 122 page
background image
Electrical Characteristics—Top-Level (continued)
(VSYS = VINx = 12V, VOUT1 = 0.8V (M1_RNG = 0x0), VOUT2 = 1.1V (M2_RNG = 0x1), VOUT3 = 1.8V (M3_RNG = 0x1), VOUT4 = 3.3V
(M4_RNG = 0x2), single-phase configuration, VCE = 1.8V, VIO = 1.8V, TA = TJ = -40°C to +125°C, typical values are at TA = TJ =
+25°C, unless otherwise noted. Note 2. )
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IRQB Leakage Current
ILKG_IRQB
IRQB set to high impedance (i.e., no
interrupt pending), VIRQB = 0V and 2.0V
-1
+1
μA
Electrical Characteristics—Quad-Phase Configurable Buck Converter
(VSYS = VINx = 12V, VOUT1 = 0.8V (M1_RNG = 0x0), VOUT2 = 1.1V (M2_RNG = 0x1), VOUT3 = 1.8V (M3_RNG = 0x1), VOUT4 = 3.3V
(M4_RNG = 0x2), single-phase configuration, VCE = 1.8V, VIO = 1.8V, TA = TJ = -40°C to +125°C, typical values are at TA = TJ =
+25°C, unless otherwise noted. Note 2.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT SUPPLY
Input-Voltage Range
VINx
2.8
16
V
DC OUTPUT VOLTAGE AND ACCURACY
Output-Voltage Range
VOUT_RNG
Low range (Mx_RNG[1:0] = 0x0)
0.3
1.3
V
Mid range (Mx_RNG[1:0] = 0x1)
0.6
2.6
High range (Mx_RNG[1:0] = 0x2)
1.2
5.2
Line Regulation
1Φ, FPWM mode, VINx = 2.8V to 16V,
VOUT = default, IOUT = 0A
-0.1
+0.1
%/V
Load Regulation
1Φ, FPWM mode, IOUT = 0A to 4A (Note
7)
0.1
%/A
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com