Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 64 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 64 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 60Page - Analog Devices DFE252012F-R47M Datasheet HTML 61Page - Analog Devices DFE252012F-R47M Datasheet HTML 62Page - Analog Devices DFE252012F-R47M Datasheet HTML 63Page - Analog Devices DFE252012F-R47M Datasheet HTML 64Page - Analog Devices DFE252012F-R47M Datasheet HTML 65Page - Analog Devices DFE252012F-R47M Datasheet HTML 66Page - Analog Devices DFE252012F-R47M Datasheet HTML 67Page - Analog Devices DFE252012F-R47M Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 122 page
background image
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
RESERVED
7:4
O
Reserved. Returns 0.
ADC_I
3
O
ADC Interrupt Source
0x0 = Interrupt event in ADC has not been
detected.
0x1 = Interrupt event in ADC has been
detected.
MFIO_I
2
O
MFIO Interrupt Source
0x0 = Interrupt event in MFIO has not been
detected.
0x1 = Interrupt event in MFIO has been
detected.
BUCK_I
1
O
Buck Interrupt Source
0x0 = Interrupt event in Buck has not been
detected.
0x1 = Interrupt event in Buck has been
detected.
TOPSYS_I
0
O
Top-Level Interrupt Source
0x0 = Interrupt event in TOPSYS has not
been detected.
0x1 = Interrupt event in TOPSYS has been
detected.
INT_SRC_MSK (0x01)
BIT
7
6
5
4
3
2
1
0
Field
RESERVED[3:0]
ADC_M
MFIO_M
BUCK_M
TOPSYS_M
Reset
0xF
0x1
0x1
0x1
0x0
Access
Type
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
RESERVED
7:4
O
Reserved. Returns 1.
ADC_M
3
O
ADC Interrupt Source Mask
0x0 = Enable ADC_I.
0x1 = Mask ADC_I.
MFIO_M
2
O
MFIO Interrupt Source Mask
0x0 = Enable MFIO_I.
0x1 = Mask MFIO_I.
BUCK_M
1
O
Buck Interrupt Source Mask
0x0 = Enable BUCK_I.
0x1 = Mask BUCK_I.
TOPSYS_M
0
O
Top-Level Interrupt Source Mask
0x0 = Enable TOPSYS_I.
0x1 = Mask TOPSYS_I.
TOPSYS_INT (0x02)
BIT
7
6
5
4
3
2
1
0
Field
RESERVED[2:0]
ALT_SWO_
I
VIOFLT_I
UVLO_I
TSHDN_I
TWARN_I
Reset
0x0
0x0
0x0
0x0
0x0
0x0
Access
Type
Read Clears All
Read
Clears All
Read
Clears All
Read
Clears All
Read
Clears All
Read
Clears All
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
RESERVED
7:5
O
Reserved. Returns 0.
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com