Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 35 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 35 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 31Page - Analog Devices DFE252012F-R47M Datasheet HTML 32Page - Analog Devices DFE252012F-R47M Datasheet HTML 33Page - Analog Devices DFE252012F-R47M Datasheet HTML 34Page - Analog Devices DFE252012F-R47M Datasheet HTML 35Page - Analog Devices DFE252012F-R47M Datasheet HTML 36Page - Analog Devices DFE252012F-R47M Datasheet HTML 37Page - Analog Devices DFE252012F-R47M Datasheet HTML 38Page - Analog Devices DFE252012F-R47M Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 122 page
background image
Table 3. Device Configuration by RCFG2 (continued)
RCFG2 (Ω)
M1_ILIM (A)
M2_ILIM (A)
M3_ILIM (A)
M4_ILIM (A)
Mx_FREQ (MHz)
30.9k
3.5
5.5
3.5
3.5
1.0
36.5k
3.5
5.5
3.5
3.5
1.5
42.2k
3.5
3.5
5.5
5.5
1.0
48.7k
3.5
3.5
5.5
5.5
1.5
56.2k
3.5
3.5
5.5
3.5
1.0
64.9k
3.5
3.5
5.5
3.5
1.5
75.0k
3.5
3.5
3.5
5.5
1.0
86.6k
3.5
3.5
3.5
5.5
1.5
100k
3.5
3.5
3.5
3.5
1.0
≥ 115k
Factory Option
Output Enable Control
The MAX77542 has eight multifunction I/Os that can be selected for output enable inputs. When the MFIOx is pulled
above the VIH (EN_Mx function is selected), the corresponding buck output is enabled. The buck outputs can also be
turned on by setting the Mx_EN bits to 1 through I2C. The logical interaction between the EN_Mx (MFIOx) pins and their
corresponding I2C enable bits (Mx_EN) is OR. For example, the Master1 is enabled when the M1_EN bit or the EN_M1
(MFIOx) signal is set to 1. When all active signals are 0, the corresponding master phase is turned off. The serial interface
is active whenever the VDD regulator is enabled (see Table 1).
Flexible Power Sequencer (FPS)
The MAX77542 supports a flexible power sequencer that controls programmable startup and shutdown delay times of
each master phase. A startup or a shutdown sequence is initiated by either the FPS_EN bit or global output enable
function (FPSI) of the MFIOx. The startup and shutdown delay times between are individually programmable from 0ms to
56ms (15 slots with 0.5ms/1ms/2ms/4ms of step size) with a no-startup option. The startup delay times are programmable
by the Mx_STUP_DLY[3:0] and the FPSO_STUP_DLY[3:0] bits and their default values are set by OTPs, while the
shutdown delay times are programmable by the Mx_SHDN_DLY[3:0] and the FPSO_SHDN_DLY[3:0] bits only. The
delay time steps and the delay times for all master phases are programmable. When the no-startup option is selected,
the corresponding buck is excluded from the FPS resources.
Once a startup or a shutdown sequence is initiated, the FPS_EN bit or the FPSI input is ignored (deactivated) until
the sequence is completed. During startup and shutdown sequences, any changes in the Mx_STUP_DLY[3:0], the
Mx_SHDN_DLY[3:0], and the DLY_STEP[1:0] bits are also not effective until the sequence ends.
If any master phases are turned on by the Mx_EN bits or the enable function (EN_Mx) of the MFIOx before initiating
a startup or a shutdown sequence, the startup or the shutdown sequence does not affect the master phase(s) already
turned on individually. A typical startup and shutdown sequence are shown in Figure 2.
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com