Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 60 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 60 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 56Page - Analog Devices DFE252012F-R47M Datasheet HTML 57Page - Analog Devices DFE252012F-R47M Datasheet HTML 58Page - Analog Devices DFE252012F-R47M Datasheet HTML 59Page - Analog Devices DFE252012F-R47M Datasheet HTML 60Page - Analog Devices DFE252012F-R47M Datasheet HTML 61Page - Analog Devices DFE252012F-R47M Datasheet HTML 62Page - Analog Devices DFE252012F-R47M Datasheet HTML 63Page - Analog Devices DFE252012F-R47M Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 122 page
background image
Register Map
MAX77542
ADDRESS
NAME
MSB
LSB
GLOBAL CONFIGURATION 1
0x00
INT_SRC[7:0]
RESERVED[3:0]
ADC_I
MFIO_I
BUCK_I
TOPSYS
_I
0x01
INT_SRC_MSK[7:0]
RESERVED[3:0]
ADC_M
MFIO_M
BUCK_M
TOPSYS
_M
0x02
TOPSYS_INT[7:0]
RESERVED[2:0]
ALT_SW
O_I
VIOFLT_
I
UVLO_I
TSHDN_
I
TWARN
_I
0x03
TOPSYS_MSK[7:0]
RESERVED[2:0]
ALT_SW
O_M
VIOFLT_
M
UVLO_M
TSHDN_
M
TWARN
_M
0x04
TOPSYS_STAT[7:0]
RESERVED[2:0]
ALT_SW
O
VIOFLT
UVLO
TSHDN
TWARN
0x06
DEVICE_CFG1[7:0]
PH_CFG[2:0]
CFG1_LATCH[4:0]
0x07
DEVICE_CFG2[7:0]
RESERVED[2:0]
CFG2_LATCH[4:0]
0x08
DEVICE_CFG3[7:0]
RESERVED[2:0]
SEL1_LATCH[4:0]
0x09
DEVICE_CFG4[7:0]
RESERVED[2:0]
SEL2_LATCH[4:0]
0x0A
DEVICE_CFG5[7:0]
RESERVED[2:0]
SEL3_LATCH[4:0]
0x0B
DEVICE_CFG6[7:0]
RESERVED[2:0]
SEL4_LATCH[4:0]
0x0C
TOPSYS_CFG[7:0]
RESERVED[1:0]
ALT_IN_
EN
CE_PD_
EN
MASK_
MODE
FTMON_
EN
CLK_EN
VL_EN
0x0D
PROT_CFG[7:0]
RESERV
ED
TWARN_TH[2:0]
RESERV
ED
UVLO_F
POK_TO[1:0]
0x0E
RESET_CFG1[7:0]
RESERVED[4:0]
RSTINB
_SHDN
VIOFLT_
SHDN
AUTO_R
STRT
0x0F
RESET_CFG2[7:0]
RESERVED[1:0]
UVLO_R
STOB_E
N
TSHDN_
RSTOB_
EN
M4_RST
OB_EN
M3_RST
OB_EN
M2_RST
OB_EN
M1_RST
OB_EN
GLOBAL CONFIGURATION 2
0x10
EN_CTRL[7:0]
M4_LPM
M3_LPM
M2_LPM
M1_LPM
M4_EN
M3_EN
M2_EN
M1_EN
0x11
GLB_CFG1[7:0]
M1_SHDN_DLY[3:0]
M1_STUP_DLY[3:0]
0x12
GLB_CFG2[7:0]
M2_SHDN_DLY[3:0]
M2_STUP_DLY[3:0]
0x13
GLB_CFG3[7:0]
M3_SHDN_DLY[3:0]
M3_STUP_DLY[3:0]
0x14
GLB_CFG4[7:0]
M4_SHDN_DLY[3:0]
M4_STUP_DLY[3:0]
0x15
GLB_CFG5[7:0]
FPSO_SHDN_DLY[3:0]
FPSO_STUP_DLY[3:0]
0x16
GLB_CFG6[7:0]
RESERVED[5:0]
DLY_STEP[1:0]
0x17
GLB_CFG7[7:0]
RESERVED[6:0]
FPS_EN
I2C_CONFIGURATION
0x1A
I2C_CFG1[7:0]
RESERVED[5:0]
WD_TMR[1:0]
0x1B
I2C_CFG2[7:0]
RESERVED[5:0]
WD_EN
HS_EXT
_EN
BUCK1 CONFIGURATION
0x20
BUCK_INT[7:0]
M4_SCF
LT_I
M3_SCF
LT_I
M2_SCF
LT_I
M1_SCF
LT_I
M4_POK
FLT_I
M3_POK
FLT_I
M2_POK
FLT_I
M1_POK
FLT_I
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com