Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 85 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 85 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 81Page - Analog Devices DFE252012F-R47M Datasheet HTML 82Page - Analog Devices DFE252012F-R47M Datasheet HTML 83Page - Analog Devices DFE252012F-R47M Datasheet HTML 84Page - Analog Devices DFE252012F-R47M Datasheet HTML 85Page - Analog Devices DFE252012F-R47M Datasheet HTML 86Page - Analog Devices DFE252012F-R47M Datasheet HTML 87Page - Analog Devices DFE252012F-R47M Datasheet HTML 88Page - Analog Devices DFE252012F-R47M Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 122 page
background image
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
M3_VOUT_
H
7:0
F
Buck Master3 Normal Output-Voltage
Control Register (VOUT Selected When
VSEL_M3 = High and VB_M3 = High, or
VSEL and VB Functions are not Used)
When M3_RNG = 0x0,
0x0–0xC7 = (0.3 + 0.005 x
M3_VOUT_H)V,
0xC8–0xFF = 1.3V.
When M3_RNG = 0x1,
0x0–0xC7 = (0.6 + 0.01 x M3_VOUT_H)V,
0xC8–0xFF = 2.6V.
When M3_RNG = 0x2,
0x0–0xC7 = (1.2 + 0.02 x M3_VOUT_H)V,
0xC8–0xFF = 5.2V.
M3_VOUT_L (0x44)
BIT
7
6
5
4
3
2
1
0
Field
M3_VOUT_L[7:0]
Reset
0x69
Access
Type
Write, Read
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
M3_VOUT_
L
7:0
F
Buck Master3 Normal Output-Voltage
Control Register (VOUT Selected When
VSEL_M3 = Low and VB_M3 = High)
When M3_RNG = 0x0,
0x0–0xC7 = (0.3 + 0.005 x
M3_VOUT_L)V,
0xC8–0xFF = 1.3V.
When M3_RNG = 0x1,
0x0–0xC7 = (0.6 + 0.01 x M3_VOUT_L)V,
0xC8–0xFF = 2.6V.
When M3_RNG = 0x2,
0x0–0xC7 = (1.2 + 0.02 x M3_VOUT_L)V,
0xC8–0xFF = 5.2V.
M3_VOUT_B (0x45)
BIT
7
6
5
4
3
2
1
0
Field
M3_VOUT_B[7:0]
Reset
0x69
Access
Type
Write, Read
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com