Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 36 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 36 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 32Page - Analog Devices DFE252012F-R47M Datasheet HTML 33Page - Analog Devices DFE252012F-R47M Datasheet HTML 34Page - Analog Devices DFE252012F-R47M Datasheet HTML 35Page - Analog Devices DFE252012F-R47M Datasheet HTML 36Page - Analog Devices DFE252012F-R47M Datasheet HTML 37Page - Analog Devices DFE252012F-R47M Datasheet HTML 38Page - Analog Devices DFE252012F-R47M Datasheet HTML 39Page - Analog Devices DFE252012F-R47M Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 122 page
background image
M2
M3
FPS_EN
OR FPSI
M1
M4
t1
t2
t3
t4
t6
t7
t8
t9
t1–t5: SET BY Mx_STUP_DLY[3:0] AND FPSO_STUP_DLY[3:0] REGISTERS (FACTORY PROGRAMMABLE).
t6–t10: SET BY Mx_SHDN_DLY[3:0] AND FPSO_SHDN_DLY[3:0] REGISTERS.
FPSO
t5
t10
Figure 2. Typical Startup and Shutdown Sequence
Undervoltage Lock-Out (UVLO)
When the VSYS voltage falls below VUVLO_F (typ 2.7V), the MAX77542 disables all individual buck outputs immediately
and resets all buck output-voltage setting registers (Type F). See the Fault Protection section for more information.
A UVLO event forces the device to a dormant state until the VSYS voltage rises above the UVLO rising threshold (typ
2.9V). The UVLO falling threshold is programmable through I2C. If the VSYS voltage drops down to the POR threshold
(typ 1.7V), the VDD supply turns off (all the registers are reset) and the MAX77542 enters shutdown state.
VIO Fault
When the I/O supply falls below VIO_UVLO_F, the I2C buffer is cleared and all MFIO input and output functions are
deactivated. The I2C buffer and the MFIOs remain inactive until the VIO supply goes above VIO_UVLO_R. When
unmasked, the VIO fault event triggers the VIOFLT_I interrupt. See the Register Map section for more details. The VIO
fault condition can initiate a shutdown of all buck outputs immediately when the VIOFLT_SHDN bit is set to 1.
Thermal Warning and Thermal Shutdown (TSHDN)
The MAX77542 has a thermal warning to monitor whether the junction temperature rises above a programmable
threshold temperature. As shown in Figure 3, the device enters thermal shutdown (TSHDN) if the junction temperature
exceeds the TSHDN (approximately +165°C typ). A TSHDN event disables all individual buck outputs immediately and
resets all buck output-voltage setting registers (Type F). See the Fault Protection section for more information. Thermal
monitoring is active whenever any of the following conditions are true:
● One of the buck outputs is enabled.
● The force thermal protection enable bit is set (FTMON_EN = 1).
● Thermal protection is enabled (for any reason) and detects TJ ≥ TWARN_TH[2:0]. (In this case, thermal monitoring
remains active until TJ ≤ TWARN_TH[2:0] - 15°C.)
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com