Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 103 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 103 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 99Page - Analog Devices DFE252012F-R47M Datasheet HTML 100Page - Analog Devices DFE252012F-R47M Datasheet HTML 101Page - Analog Devices DFE252012F-R47M Datasheet HTML 102Page - Analog Devices DFE252012F-R47M Datasheet HTML 103Page - Analog Devices DFE252012F-R47M Datasheet HTML 104Page - Analog Devices DFE252012F-R47M Datasheet HTML 105Page - Analog Devices DFE252012F-R47M Datasheet HTML 106Page - Analog Devices DFE252012F-R47M Datasheet HTML 107Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 122 page
background image
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
MFIO7_FU
NC
3:0
O
MFIO7 Function Setting
0x0 = Output enable (EN).
0x1 = Low-power mode (LPM).
0x2 = Forced-PWM Mode (FPWM).
0x3 = External clock detection (CLKDET).
0x4 = Clock output (CLKOUT).
0x5 = Output-voltage selection (VSEL).
0x6 = Boot (default) output-voltage
selection (VB).
0x7 = Power-OK output (POK).
0x8 = FPS input (FPSI).
0x9 = FPS output (FPSO).
0xA = System reset input (RSTINB).
0xB = System reset output (RSTOB).
0xC = Thermal-warning output (TWARNB).
0xD = General-purpose input (GPI).
0xE = General-purpose output (GPO).
0xF = Reserved.
MFIO7_CFG2 (0x70)
BIT
7
6
5
4
3
2
1
0
Field
RESERVED[1:0]
MFIO7_DR
V_MODE
MFIO7_PDPU[1:0]
MFIO7_DEB[2:0]
Reset
0x0
0x0
0x0
0x2
Access
Type
Write, Read
Write, Read
Write, Read
Write, Read
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
RESERVED
7:6
O
Reserved. Returns 0.
MFIO7_DR
V_MODE
5
O
MFIO7 Output Driver Mode Setting
0x0 = Open drain.
0x1 = Push-pull.
MFIO7_PD
PU
4:3
O
MFIO7 Pull-Down and Pull-Up Control
0x0 = 800kΩ pull-down to AGND.
0x1 = 100kΩ pull-down to AGND.
0x2 = 100kΩ pull-up to VIO.
0x3 = Disable (no pull-down or pull-up).
MFIO7_DE
B
2:0
O
MFIO7 Debounce Timer Setting
0x0 = No debounce.
0x1 = 0.55µs.
0x2 = 1µs.
0x3 = 2µs.
0x4 = 4µs.
0x5 = 8µs.
0x6 = 16µs.
0x7 = 32µs.
MFIO8_CFG1 (0x71)
BIT
7
6
5
4
3
2
1
0
Field
RESERVED
MFIO8_SEL[2:0]
MFIO8_FUNC[3:0]
Reset
0x0
0x0
0xB
Access
Type
Write, Read
Write, Read
Write, Read
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
RESERVED
7
O
Reserved. Returns 0.
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com