Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 119 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 119 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 114Page - Analog Devices DFE252012F-R47M Datasheet HTML 115Page - Analog Devices DFE252012F-R47M Datasheet HTML 116Page - Analog Devices DFE252012F-R47M Datasheet HTML 117Page - Analog Devices DFE252012F-R47M Datasheet HTML 118Page - Analog Devices DFE252012F-R47M Datasheet HTML 119Page - Analog Devices DFE252012F-R47M Datasheet HTML 120Page - Analog Devices DFE252012F-R47M Datasheet HTML 121Page - Analog Devices DFE252012F-R47M Datasheet HTML 122Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 119 / 122 page
background image
Typical Application Circuits (continued)
3+1 Phase Configuration
LX4
SNS4P
BST4
PGND4
LX3
SNS3P
SNS3N
PGND3
LX2
SNS2P
PGND2
LX1
SNS1P
SNS1N
VOUT123
12A MAX
PGND1
BST3
BST2
BST1
VIO
SDA
SCL
IRQB
MFIO7
MFIO6
MFIO5
MFIO4
MFIO3
MFIO2
AGND
VDD
MAX77542
CVDD 1μF
6.3V (0402)
CBST2 0.1μF
10V (0201)
CBST1 0.1μF
10V (0201)
L4 (NOTE 2)
MFIO8
MFIO1
IN1
IN2
DC SOURCE
2.8V TO 16V
SYS
CSYS 2.2μF
25V (0402)
CIN3/CIN4 10μF
25V (0603)
IN3
IN4
CIN1/CIN2 10μF
25V (0603)
CVL13/CVL24 2.2μF
6.3V (0402)
VL12
VL34
μC
IO SUPPLY
1.1V TO 2.2V
CVIO 1μF
6.3V (0402)
EN1
EN2
EN3
EN4
POK1
POK4
(NOTE 5)
CBST4 0.1μF
10V (0201)
CBST3 0.1μF
10V (0201)
3Φ + 1Φ
(2 CHANNELS)
VOUT4
4A MAX
L3 (NOTE 2)
L2 (NOTE 2)
L1 (NOTE 2)
COUT4
6x 22μF 10V
(NOTE 3)
(0603/0805)
COUT3
6x 22μF10V
(NOTE 3)
(0603/0805)
COUT2
6x 22μF 10V
(NOTE 3)
(0603/0805)
COUT1
6x 22μF 10V
(NOTE 3)
(0603/0805)
POK2
POK3
ALT_IN
CALT_IN 2.2μF
(NOTE 1)
25V (0603)
VALT_IN
(2.8V TO 6.0V)
NOTE 1: ONLY INSTALL IF ALT_IN IS USED. IF ALT_IN IS UNUSED, DO NOT POPULATE.
NOTE 2: SEE THE
INDUCTOR SELECTION SECTION.
NOTE 3: SEE
OUTPUT CAPACITOR SELECTION SECTION.
NOTE 4: CONNECT IRQB, SDA, AND SCL TO AGND WHEN UNUSED.
NOTE 5: EXAMPLE MFIO FUNCTION MAP. RECONFIGURABLE USING I2C OR CFG1. SEE THE
MFIO FUNCTIONS SECTION.
SEL1
SEL2
SEL3
SEL4
CFG1
CFG2
CE
(NOTE 4)
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com