Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 129 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 129 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 125Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 126Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 127Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 128Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 129Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 130Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 131Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 132Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 133Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
129
Data Book
will start servicing the Burst Read transfer by first read-
ing the Pass-Thru Address via PTADR#. This is an
asynchronous read, meaning that the address will
appear on DQ after a propagation delay from the
assertion of PTADR#. In the event that the address is
not required, this cycle and the next could be skipped
(as the next clock provides a turn-around cycle).
Clock 3:
The Add-On logic will latch the Pass-Thru
address on the rising edge of this clock. This cycle is
also required to avoid contention on the DQ bus. Time
must be allowed after PTADR# is deasserted for the
DQ outputs to float before Add-On logic attempts to
write to the Pass-Thru Read FIFO.
Clock 4:
The BE[3:0]#, ADR[6:2], and SELECT#
inputs are asserted. WR# and DQ are asserted, indi-
cating that DATA1 is to be written to the PT Read FIFO
on the next clock. PTRDY# is asserted, to indicate the
completion of the current data phase.
Clock 5:
As the S5920 samples WR# asserted, it
writes DATA1 into the PT Read FIFO. PTRDY# is sam-
pled asserted, which completes the first data transfer
and updates the internal FIFO pointers. The PTBE#
outputs are updated to indicate which bytes are valid
for the second transfer. The Add-On logic samples
PTBURST# asserted, so it knows more data is being
requested WR# remains asserted, and DATA2 is
driven onto DQ. PTRDY# is also asserted to complete
the current data phase.
Clock 6:
As the S5920 samples WR# asserted, it
writes DATA2 into the PT Read FIFO. PTRDY# is sam-
pled asserted, which completes the second data
transfer and updates the internal FIFO pointers. The
PTBE# outputs are updated to indicate which bytes
are valid for the third transfer. The Add-On logic sam-
ples PTBURST# asserted, so it knows more data is
being requested. However, it is not ready to transfer
data yet, so it deasserts PTRDY# and WR#, and stop
driving the DQ bus. The DQ bus could be in tri-state.
Clock 7:
As the S5920 samples WR# and PTRDY#
deasserted, no data was written to the PT Read FIFO
and the FIFO pointer was not updated (as the transfer
was not signaled complete via a PTRDY#). The Add-
On logic is ready to continue the transfer, so it asserts
WR# and drives the DQ bus with DATA3. PTRDY# is
also asserted to complete the current data phase.
Clock 8:
As the S5920 samples WR# asserted, it
writes DATA3 into the PT Read FIFO. PTRDY# is sam-
pled asserted, which completes the third data transfer
and updates the internal FIFO pointers. The S5920
deasserts PTBURST#, indicating that the previus read
was the second to last. The next transfer from the
Add-On will be the last. The PTBE# outputs are
updated to indicate which bytes are valid for the last
transfer. The Add-On logic samples PTBURST#
asserted, so it knows more data is being requested.
However, it is not ready to transfer data yet, so it deas-
serts PTRDY# and WR#. The data on the DQ bus is a
donÕt care, as the Add-On is not writing during this
cycle. The DQ bus could be in tri-state.
Clock 9:
As the S5920 samples WR# and PTRDY#
deasserted, no data was written to the PT Read FIFO
and the FIFO pointer was not updated (as the transfer
was not signaled complete via a PTRDY#). The Add-
On logic samples PTBURST# deasserted and
PTATN# asserted, so it knows that the previous data
transfer was the last, and no more data is being
requested. However, as it inserted a wait state during
the previous cycle, it still has one more transfer to
complete. As the Add-On logic is ready to complete
the transfer, it asserts WR# and drives the DQ bus
with DATA4. PTRDY# is also asserted to complete the
last data phase.
Clock 10:
As the S5920 samples WR# asserted, it
writes DATA4 into the PT Read FIFO. PTRDY# is sam-
pled asserted, which completes the last data transfer
and updates the internal FIFO pointers. The S5920
deasserts PTATN#, indicating that the final transfer
was performed. No more data is being requested from
PCI. Since the Add-On logic previously sampled
PTBURST# deasserted, and transferred the last data,
it knows that no more data is being requested. The
Add-On deasserts WR#, ADR[6:2], SELECT#,
BE[3:0]# and DQ. It also deasserts PTRDY#.
Clock 11:
As PTATN# and PTBURST# are deas-
serted, the Pass-Thru access is complete, and the
S5920 can accept new Pass-Thru accesses starting
on the next clock. The other Pass-Thru signals can
also change state (in anticipation of a new transfer).
8-Bit and 16-Bit Pass-Thru Add-On Bus Interface
in Passive Mode
The S5920 allows a simple interface to devices with 8-
bit or 16-bit data buses. Each Pass-Thru region may
be defined as 8, 16 or 32 bits, depending on the con-
tents of the boot device which is loaded into the PCI
Base Address Configuration Registers during initial-
ization. The result of the initialization is a unique
bussize (8/16/32 bits) for each Pass-Thru region. The
Pass-Thru Add-On interface internally controls byte
lane steering to allow access to the 32-bit Pass-Thru
Data FIFO (APTD) from 8-bit or 16-bit Add-On buses.
The four DQ data bytes are internally steered depend-
ing upon the bus size of the region and the values of
the Byte Enables (BE#). Note that this 8-/16-bit inter-
nal byte-lane steering is not performed for other Add-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com