Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 127 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 127 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 123Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 124Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 125Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 126Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 127Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 128Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 129Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 130Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 131Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
127
Data Book
address into the Pass-Thru Address Register (APTA).
If the S5920 determines that the address is within one
of its defined Pass-Thru regions, it indicates to the
Add-On that a write to the Pass-Thru Data Register or
Pass-Thru Read FIFO (APTD) is required.
Figure 68. PCI to Add-On Passive Burst Read
Figure 9 shows a Passive Mode Pass-Thru burst read
access (Add-On write) of four DWORDs, using
PTADR# to provide an address-phase.
Clock 0:
PCI address information is stored in the
Pass-Thru Address Register. The address is recog-
nized as a PCI read of Pass-Thru region 1. Add-On
bus signals PTATN#, PTBURST#, PTNUM[1:0],
PTWR and PTBE[3:0] will update on the next rising
edge of ADCLK
Clock 1:
Pass-Thru signals PTATN#, PTBURST#,
PTNUM[1:0], PTWR and PTBE[3:0] are driven to indi-
cate what action is required by Add-On logic. These
status signals are valid only when PTATN# is active.
Add-On logic can decode status signals upon the
assertion of PTATN#.
PTATN# Asserted. Indicates Pass-Thru access is
pending.
PTBURST# Asserted. The access has multiple data
phases.
PTNUM[1:0] 1h. Indicates the access is to Pass-Thru
region 1.
PTWR Deasserted. Indicates the access is a read.
PTBE[3:0]# D1. Indicates valid bytes for the first data
transfer.
Clock 2:
The Add-On logic has sampled PTATN# and
PTBURST# active, indicating that at least two read
data transfers are requested by the PCI. The Add-On
will start servicing the Burst Read transfer by first read-
ing the Pass-Thru Address via the PTADR# input. This
is an asynchronous read, meaning that the address
will appear on DQ after a propagation delay from the
assertion of PTADR#. In the event that the address is
not required, this cycle and the next could be skipped
(as the next clock provides a turn-around cycle).
Clock 3:
The Add-On logic will latch the Pass-Thru
address on the rising edge of this clock. This cycle is
also required to avoid contention on the DQ bus. Time
must be allowed after PTADR# is deasserted for the
ADCLK
PTATN#
PTBURST#
PTNUM[1:0]
PTWR
PTBE[3:0]#
SELECT#
ADR[6:2]
BE[3:0]#
WR#
DQ[31:0]
PTADR#
ADDR
PTRDY#
D1
D2
Data 1
Data 2
D3
D4
Data 3
Data 4
0h
0h
Fh
2Ch
0
1
5
6
10
11
12
13
2
34
7
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com