Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 126 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 126 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 122Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 123Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 124Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 125Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 126Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 127Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 128Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 129Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 130Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
126
Data Book
Clock 1:
Pass-Thru signals PTATN#, PTBURST#,
PTNUM[1:0], PTWR and PTBE[3:0] are driven to indi-
cate what action is required by Add-On logic. These
status signals are valid only when PTATN# is active.
Add-On logic can decode status signals upon the
assertion of PTATN#.
PTATN# Asserted. Indicates Pass-Thru access is
pending.
PTBURST# Asserted. The access has multiple data
phases.
PTNUM[1:0] 0h. Indicates the access is to Pass-Thru
region 3.
PTWR Asserted. Indicates the access is a write.
PTBE[3:0]# D1. Indicates valid bytes for the first data
transfer.
Cloc k 2:
Add-On logic sam p les PTAT N# an d
PTBURST# asserted, indicating the start of a burst.
The Add-On asserts PTADR# to read the Pass-Thru
Address Register. As it is not ready to receive any data
yet, it does not initiate a data read.
Clock 3:
Add-on logic latches the address. RD#,
BE[3:0]#, ADR[6:2], and SELECT# inputs are asserted
to select the Pass-Thru Data Register during the next
clock. PTRDY# is also asserted to indicate the com-
pletion of the first data phase.
Clock 4:
As the S5920 sampled PTRDY# asserted,
the first data phase is completed DATA1 is driven on
the DQ bus, a result of the read from the previous
clock cycle. The PTBE# outputs are updated to indi-
cate which bytes are valid for the second transfer.
Add-on logic is not fast enough to store the next data,
so a wait state is activated by deasserting PTRDY#.
RD# is also deasserted.
Clock 5:
Add-On logic uses the rising edge of this
clock to store DATA1. PTRDY# is sampled deas-
serted, so a wait state is activated. PTRDY# is
asserted to indicate that the Add-On is ready to accept
the next data transfer. RD# is also asserted, request-
ing DATA2 to be driven during the next clock cycle.
Clock 6:
PTRDY# is sampled asserted, thus complet-
ing the current data-phase. DATA2 is driven on the DQ
bus, a result of a read during the previous clock cycle.
The PTBE# outputs are updated to indicate which
bytes are valid for the third transfer. Add-on logic is not
fast enough to store the next data, so a wait state is
activated by deasserting PTRDY#. RD# is also
deasserted.
Clock 7:
Add-On logic uses the rising edge of this
clock to store DATA2. PTRDY# is sampled deas-
serted, so a wait state is activated. PTRDY# is
asserted to indicate that the Add-On is ready to accept
the next data transfer. RD# is also asserted, request-
ing DATA3 to be driven during the next clock cycle.
Clock 8:
PTRDY# is sampled asserted, thus complet-
ing the current data-phase. DATA3 is driven on the DQ
bus, a result of a read during the previous cycle. The
PTBE# outputs are updated to indicate which bytes
are valid for the fourth transfer. Add-On logic is not fast
enough to store the next data, so a wait state is acti-
vated by deasserting P T RDY#. RD# is also
deasserted.
Clock 9:
Add-On logic uses the rising edge of this
clock to store DATA3. PTRDY# is sampled deas-
serted, so a wait state is activated. PTRDY# is
asserted to indicate that the Add-On is ready to accept
the next data transfer. RD# is also asserted, request-
ing DATA4 to be driven during the next clock cycle.
Clock 10:
PTRDY# is sampled asserted, thus com-
pleting the current data-phase. PTBURST# is
deasserted, indicating that only one DWORD is left for
transfer. DATA4 is driven on the Add-On DQ bus, a
result of a read during the previous clock cycle. The
PTBE# outputs are updated to indicate which bytes
are valid for the last transfer. Add-On logic is not fast
enough to store the next data, so a wait state is acti-
vated by deasserting P T RDY#. RD# is also
deasserted.
Clock 11:
Add-On logic uses the rising edge of this
clock to store DATA4. PTRDY# is sampled deas-
serted, so a wait state is activated. PTRDY# is
asserted to indicate that the add-on is ready to accept
the last data transfer. The add-on knows this is the last
transfer as it has sampled PTBURST# deasserted and
PTATN# asserted. RD# is also asserted, requesting
DATA5 to be driven during the next clock cycle.
Clock 12:
PTRDY# is sampled asserted, indicating
that the last transfer was completed. As a result,
PTATN# is deasserted. As the Add-On has also fin-
ished its transfer, it deasserts RD#, SELECT#,
BE[3:0]#. The last data, DATA5, is driven on the Add-
On DQ bus.
Clock 13:
Add-On logic uses the rising edge of this
clock to store DATA5. As PTATN# is deasserted, the
Pass-Thru access is complete, and the S5920 can
accept new Pass-Thru accesses starting on the next
clock. The other Pass-Thru signals can also change
state (in anticipation of a new transfer).
Pass-Thru Burst Reads
A Pass-Thru burst read operation occurs when a PCI
initiator reads multiple DWORDs from a Pass-Thru
region. A burst transfer consists of a single address
and multiple data phases. The S5920 stores the PCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com