Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 125 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 125 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 121Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 122Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 123Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 124Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 125Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 126Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 127Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 128Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 129Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
125
Data Book
Figure 66. PCI to Add-On Passive Burst Write Using PTRDY# to assert Wait-States
Figure 67. PCI to Add-On Passive Burst Read Access
ADCLK
PTATN#
PTBURST#
PTNUM[1:0]
PTWR
PTBE[3:0]
SELECT#
ADR[6:2]
BE[3:0]#
RD#
DQ[31:0]
PTADR#
ADDR
PTRDY#
D1
DATA 5
DATA 3
DATA 4
0h
D2
D3
D4
D5
0h
2Ch
Fh
DATA 2
DATA1
0
1
5
6
10
11
12
13
2
34
78
9
ADCLK
PTATN#
PTBURST#
PTNUM[1:0]
PTWR
PTBE[3:0]
SELECT#
ADR[6:2]
BE[3:0]#
WR#
DQ[31:0]
PTRDY#
PTADDR
PTADR#
D1
D2
D3
D4
DATA2
DATA3
DATA4
1h
2Ch
0h
DATA1
Fh
01
5
6
2
34
7
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com