Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 123 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 123 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 119Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 120Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 121Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 122Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 123Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 124Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 125Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 126Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 127Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
123
Data Book
Figure 65. PCI to Add-On Passive Burst Write
Figure 7 shows a Passive mode PCI to Add-On burst
write of four DWORDs. In the following example, Add-
On logic incorporates the use of PTADR# followed by
multiple data reads to the S5920. If Add-On logic does
not support burst accesses, PTADR# can be pulsed
for individual data reads. The S5920 automatically
increments the address in the APTA register during
PCI bursts. In this example PTRDY# is continually
asserted, indicating that Add-On logic is capable of
accepting one DWORD per clock cycle. In addition,
the PTBE[3:0] signals indicate a unique byte-enable
for each data transfer.
The Pass-Thru Write FIFO (or APTD) can be disabled
for bursts (do not accept PCI posted writes). In this
case, the PCI is allowed to write to only one FIFO
location and cannot continue bursting until the add-on
has read the data. PTBURST# is never asserted when
the PCI write FIFO is disabled. For this example, the
Write FIFO is enabled.
Clock 0: The address is recognized as a PCI write to
Pass-Thru region 1. The PCI bus write address is
stored in the Pass-Thru Address Register. The PCI
bus write data is stored in the S5920 write FIFO. Add-
On bus signals PTATN#, PTBURST#, PTNUM[1:0],
PTWR and PTBE[3:0] will update on the next rising
edge of ADCLK.
Clock 1:
Pass-Thru signals PTATN#, PTBURST#,
PTNUM[1:0], PTWR and PTBE[3:0] are driven to indi-
cate what action is required by Add-On logic. These
status signals are valid only when PTATN# is active.
Add-On logic can decode status signals upon the
assertion of PTATN#.
PTATN# Asserted. Indicates Pass-Thru access is
pending.
PTBURST# Asserted. The access has multiple data
phases.
PTNUM[1:0] 3h. Indicates the access is to Pass-Thru
region 3.
PTWR Asserted. Indicates the access is a write.
PTBE[3:0]# D1. Indicates valid bytes for the first data
transfer.
Clock 2:
The PTADR# input is asserted to read the
Pass-Thru Address Register. The RD#, BE#, ADR[6:2]
and SELECT# inputs are driven during this clock to
read the Pass-Thru Data Register contents onto the
DQ bus during the next clock. PTRDY# is asserted,
indicating that the first transfer is complete.
ADCLK
PTATN#
PTBURST#
PTNUM[1:0]
PTWR
PTBE[3:0]
SELECT#
ADR[6:2]
BE[3:0]#
RD#
DQ[31:0]
PTADR#
ADDR
PTRDY#
D1
D2
D3
DATA1
DATA2
DATA3
2Ch
0h
0h
0h
3h
D4
Fh
0h
DATA4
0
1
5
6
10
11
12
13
2
34
78
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com