Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 124 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 124 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 120Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 121Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 122Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 123Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 124Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 125Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 126Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 127Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 128Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
124
Data Book
Clock 3:
The Add-On latches the address. Data 1 is
driven on the DQ bus as a result of the previous read.
As PTRDY# is sampled asserted, the PTBE# outputs
are updated to indicate which bytes are valid for the
second transfer. The BE[3:0]#, ADR[6:2], and
SELECT# inputs remain driven along with RD# to read
out the next data. PTRDY# remains asserted, indicat-
ing that the second transfer is complete.
Clock 4:
Add-On logic uses the rising edge of this
clock to store DATA1. DATA2 is driven on the DQ bus
as a result of the previous read. As PTRDY# is sam-
pled asserted, the PTBE# outputs are updated to
indicate which bytes are valid for the third transfer.
PTRDY# remains asserted, indicating that the third
transfer is complete.
Clock 5:
Add-On logic uses the rising edge of this
clock to store DATA2. PTBURST# is deasserted indi-
cating that only a single data phase remains. DATA3 is
driven on the Add-On bus. The PTBE# outputs are
updated to indicate which bytes are valid for the last
transfer. PTRDY# remains asserted, indicating that the
current transfer is complete.
Clock 6:
Add-on logic uses the rising edge of this
clock to store DATA3 from the S5920. PTRDY# sam-
pled completes the last data phase. As a result, the
S5920 deasserts PTATN#, and drives DATA4 onto the
DQ bus. As the Add-on sampled PTBURST# deas-
serted and PTATN# asserted, it recognizes that the
previous read was the last one. As a result, the Add-
On deasserts SELECT#, ADR[6:2], BE[3:0]#, RD# and
PTRDY#.
Clock 7:
The Add-on logic stores DATA4 on the rising
edge of this clock. As PTATN# is deasserted, the
Pass-Thru access is complete, and the S5920 can
accept new Pass-Thru accesses starting on the next
clock. The other Pass-Thru signals can also change
state (in anticipation of a new transfer).
Figure 8 illustrates a Passive mode transfer with a
burst of five DWORDs in a PCI to Pass-Thru burst
write with PTRDY# used to insert wait states. In some
applications, Add-On logic may not be required to
transfer data on every ADCLK and can use PTRDY#
to control the data rate transfer. In this example, Add-
On logic latches data every other clock cycle. RD# is
shown deasserted when PTRDY# is deasserted, but
could remain active during the entire Add-On burst. In
this case, the DQ would not go to tri-state between
reads, and the PTBE# outputs would lose some of
their significance (as they would transition one cycle
early as a result of the “unused” read).
Clock 0:
The address is recognized as a PCI write to
Pass-Thru region 0. The PCI bus write address is
stored in the Pass-Thru Address Register. The PCI
bus write data is stored in the S5920 write FIFO. Add-
On bus signals PTATN#, PTBURST#, PTNUM[1:0],
PTWR and PTBE[3:0] will update on the next rising
edge of ADCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com