Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 234 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 234 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 230Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 231Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 232Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 233Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 234Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 235Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 236Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 237Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 238Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
A-12
Freescale Semiconductor
Bootstrap Program
M_DC
EQU
$1F000
; Frame Rate Divider Control Mask (DC0-DC7)
M_ALC
EQU
18
; Alignment Control (ALC)
M_WL
EQU
$380000
; Word Length Control Mask (WL0-WL7)
M_SSC1
EQU
22
; Select SC1 as TR #0 drive enable (SSC1)
;
SSI Control Register B Bit Flags
M_OF
EQU
$3
; Serial Output Flag Mask
M_OF0
EQU
0
; Serial Output Flag 0
M_OF1
EQU
1
; Serial Output Flag 1
M_SCD
EQU
$1C
; Serial Control Direction Mask
M_SCD0
EQU
2
; Serial Control 0 Direction
M_SCD1
EQU
3
; Serial Control 1 Direction
M_SCD2
EQU
4
; Serial Control 2 Direction
M_SCKD
EQU
5
; Clock Source Direction
M_SHFD
EQU
6
; Shift Direction
M_FSL
EQU
$180
; Frame Sync Length Mask (FSL0-FSL1)
M_FSL0
EQU
7
; Frame Sync Length 0
M_FSL1
EQU
8
; Frame Sync Length 1
M_FSR
EQU
9
; Frame Sync Relative Timing
M_FSP
EQU
10
; Frame Sync Polarity
M_CKP
EQU
11
; Clock Polarity
M_SYN
EQU
12
; Sync/Async Control
M_MOD
EQU
13
; SSI Mode Select
M_SSTE
EQU
$1C000
; SSI Transmit enable Mask
M_SSTE2
EQU
14
; SSI Transmit #2 Enable
M_SSTE1
EQU
15
; SSI Transmit #1 Enable
M_SSTE0
EQU
16
; SSI Transmit #0 Enable
M_SSRE
EQU
17
; SSI Receive Enable
M_SSTIE
EQU
18
; SSI Transmit Interrupt Enable
M_SSRIE
EQU
19
; SSI Receive Interrupt Enable
M_STLIE
EQU
20
; SSI Transmit Last Slot Interrupt Enable
M_SRLIE
EQU
21
; SSI Receive Last Slot Interrupt Enable
M_STEIE
EQU
22
; SSI Transmit Error Interrupt Enable
M_SREIE
EQU
23
; SSI Receive Error Interrupt Enable
;
SSI Status Register Bit Flags
M_IF
EQU
$3
; Serial Input Flag Mask
M_IF0
EQU
0
; Serial Input Flag 0
M_IF1
EQU
1
; Serial Input Flag 1
M_TFS
EQU
2
; Transmit Frame Sync Flag
M_RFS
EQU
3
; Receive Frame Sync Flag
M_TUE
EQU
4
; Transmitter Underrun Error FLag
M_ROE
EQU
5
; Receiver Overrun Error Flag
M_TDE
EQU
6
; Transmit Data Register Empty
M_RDF
EQU
7
; Receive Data Register Full
;
SSI Transmit Slot Mask Register A
M_SSTSA
EQU
$FFFF
; SSI Transmit Slot Bits Mask A (TS0-TS15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com