Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 230 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 230 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 226Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 227Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 228Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 229Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 230Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 231Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 232Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 233Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 234Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
A-8
Freescale Semiconductor
Bootstrap Program
movem p:(r2)+,a2
; Get the 8 LSB from ext. P mem.
asr #8,a,a
; Shift 8 bit data into A1
_LOOP9
;
move a1,r0
; starting address for load
move a1,r1
; save it in r1
; a0 holds the number of words
do a0,_LOOP10
; read program words
do #3,_LOOP11
; Each instruction has 3 bytes
movem p:(r2)+,a2
; Get the 8 LSB from ext. P mem.
asr #8,a,a
; Shift 8 bit data into A1
_LOOP11
; Go get another byte.
movem a1,p:(r0)+
; Store 24-bit result in P mem.
_LOOP10
; and go get another 24-bit word.
; Boot from EPROM done
;========================================================================
FINISH
; This is the exit handler that returns execution to normal
; expanded mode and jumps to the RESET vector.
andi #$0,ccr
; Clear CCR as if RESET to 0.
jmp (r1)
; Then go to starting Prog addr.
; End of bootstrap code. Number of program words: 91
;*****************************************************************************
;
;
EQUATES for 56303 I/O registers and ports
;
;
Last update: June 11 1995
;
;*****************************************************************************
page132,55,0,0,0
optmex
ioequ
ident
1,0
A.2 Equates for I/O Port Programming
;------------------------------------------------------------------------
;
Register Addresses
M_HDR
EQU
$FFFFC9
; Host port GPIO data Register
M_HDDR
EQU
$FFFFC8
; Host port GPIO direction Register
M_PCRC
EQU
$FFFFBF
; Port C Control Register
M_PRRC
EQU
$FFFFBE
; Port C Direction Register
M_PDRC
EQU
$FFFFBD
; Port C GPIO Data Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com