Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 226 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 226 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 222Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 223Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 224Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 225Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 226Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 227Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 228Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 229Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 230Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
A-4
Freescale Semiconductor
Bootstrap Program
START
clr a #$0a,X0; clear a and load X0 with constant 0a0000
jclr #2,omr,EPRSCILD ; If MC:MB:MA=0xx, go load from EPROM/SCI
jclr #1,omr,OMR1IS0; IF MC:MB:MA=10x, go to look for ISA/HC11 options
jclr #0,omr,I8051HOSTLD; If MC:MB:MA=110, go load from 8051 Host
jmp
MC68302HOSTLD; If MC:MB:MA=111, go load from MC68302 Host
OMR1IS0
jset #0,omr,HC11HOSTLD; If MC:MB:MA=101, go load from HC11 Host
; If MC:MB:MA=100, go load from ISA HOST
;=============================================================================
; This is the routine which loads a program through the HI08 host port
; The program is downloaded from the host MCU with the following scenario:
; 1) 3 bytes - Define the program length.
; 2) 3 bytes - Define the address to which to start loading the program to.
; 3) 3n bytes (while n is any integer number)
; The program words will be stored in contiguous PRAM memory locations starting
; at the specified starting address.
; After reading the program words, program execution starts from the same address
; where loading started.
; The host MCU may terminate the loading process by setting the HF1=0 and HF0=1.
; When the downloading is terminated, the program will start execution of the
; loaded program from the specified starting address.
; The HI08 boot ROM program enables the following busses to download programs
; through the HI08 port:
;
;
1 - ISA- Dual strobes non-multiplexed bus with negative strobe
;
pulses dual positive request
;
2 - HC11- Single strobe non-multiplexed bus with positive strobe
;
pulse single negative request.
;
4 - i8051
- Dual strobes multiplexed bus with negative strobe pulses
;
dual negative request.
;
5 - MC68302 - Single strobe non-multiplexed bus with negative strobe
;
pulse single negative request.
;=============================================================================
ISAHOSTLD
movep #%0101000000011000,x:M_HPCR
; Configure the following conditions:
; HAP
= 0 Negative host acknowledge
; HRP
= 1 Positive host request
; HCSP
= 0 Negative chip select input
; HD/HS
= 1 Dual strobes bus (RD and WR strobes)
; HMUX
= 0 Non multiplexed bus
; HASP
= 0 (address strobe polarity has no
;
meaning in non-multiplexed bus)
; HDSP
= 0 Negative data strobes polarity
; HROD
= 0 Host request is active when enabled
;
spare = 0 This bit should be set to 0 for
;
future compatibility



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com