Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 229 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 229 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 225Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 226Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 227Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 228Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 229Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 230Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 231Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 232Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 233Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 292 page
background image
Bootstrap Code
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
A-7
movepx:M_HRX,p:(r0)+
; Move the new word into its destination
; location in the program RAM
HI08LOOP
bra<FINISH
;========================================================================
EPRSCILD
jclr #1,omr,EPROMLD
; If MC:MB:MA=001, go load from EPROM
;========================================================================
; This is the routine that loads from the SCI.
; MC:MB:MA=010 - external SCI clock
SCILD
movep #$0302,X:M_SCR
; Configure SCI Control Reg
movep #$C000,X:M_SCCR
; Configure SCI Clock Control Reg
movep #7,X:M_PCRE
; Configure SCLK, TXD and RXD
do #6,_LOOP6
; get 3 bytes for number of
; program words and 3 bytes
; for the starting address
jclr #2,X:M_SSR,*
; Wait for RDRF to go high
movep X:M_SRXL,A2
; Put 8 bits in A2
jclr #1,X:M_SSR,*
; Wait for TDRE to go high
movep A2,X:M_STXL
; echo the received byte
asr #8,a,a
_LOOP6
move a1,r0
; starting address for load
move a1,r1
; save starting address
do a0,_LOOP7
; Receive program words
do #3,_LOOP8
jclr #2,X:M_SSR,*
; Wait for RDRF to go high
movep X:M_SRXL,A2
; Put 8 bits in A2
jclr #1,X:M_SSR,*
; Wait for TDRE to go high
movep a2,X:M_STXL
; echo the received byte
asr #8,a,a
_LOOP8
movem a1,p:(r0)+
; Store 24-bit result in P mem.
_LOOP7
bra <FINISH
; Boot from SCI done
;========================================================================
; This is the routine that loads from external EPROM.
; MC:MB:MA=001
EPROMLD
move #BOOT,r2
; r2 = address of external EPROM
movep #AARV,X:M_AAR1
; aar1 configured for SRAM types of access
do #6,_LOOP9
; read number of words and starting address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com