Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 228 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 228 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 224Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 225Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 226Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 227Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 228Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 229Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 230Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 231Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 232Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
A-6
Freescale Semiconductor
Bootstrap Program
; HAEN= 0 Host acknowledge is disabled
; HREN= 1 Host requests are enabled
; HCSEN = 1 Host chip select input enabled
; HA9EN= 1 Enable address 9 input
; HA8EN= 1 Enable address 8 input
; HGEN= 0 Host GPIO pins are disabled
bra<HI08CONT
MC68302HOSTLD
movep#%0000000000111000,x:M_HPCR
; Configure the following conditions:
; HAP= 0 Negative host acknowledge
; HRP= 0 Negative host request
; HCSP= 0 Negative chip select input
; HD/HS= 0 Single strobe bus (R/W~ and DS strobes)
; HMUX= 0 Non multiplexed bus
; HASP= 0 (address strobe polarity has no meaning in
;
non-multiplexed bus)
; HDSP= 0 Negative data strobes polarity
; HROD= 0 Host request is active when enabled
; spare = 0 This bit should be set to 0 for future
; compatibility
; HEN= 0 When the HPCR register is modified HEN should be
; cleared
; HAEN= 1 Host acknowledge is enabled
; HREN= 1 Host requests are enabled
; HCSEN = 1 Host chip select input enabled
; HA9EN= 0 (address 9 enable bit has no meaning in
;
non-multiplexed bus)
; HA8EN= 0 (address 8 enable bit has no meaning in
;
non-multiplexed bus)
; HGEN= 0 Host GPIO pins are disabled
HI08CONT
bset#HEN,x:M_HPCR
; Enable the HI08 to operate as host
; interface (set HEN=1)
jclr#HRDF,x:M_HSR,*
; wait for the program length to be
; written
movepx:M_HRX,a0
jclr#HRDF,x:M_HSR,*
; wait for the program starting address
; to be written
movepx:M_HRX,r0
mover0,r1
do a0,HI08LOOP
; set a loop with the downloaded length
;
counts
HI08LL
jset#HRDF,x:M_HSR,HI08NW
; If new word was loaded then jump
;to read that word
jclr#HF0,x:M_HSR,HI08LL
; If HF0=0 then continue with the
; downloading
enddo
; Must terminate the do loop
bra<HI08LOOP
HI08NW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com