Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 241 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 241 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 237Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 238Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 239Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 240Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 241Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 242Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 243Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 244Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 245Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 292 page
background image
Bus Interface Unit (BIU) Equates
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
A-19
M_BXEN
EQU
4
; X Data Space Enable
M_BYEN
EQU
5
; Y Data Space Enable
M_BAM
EQU
6
; Address Muxing
M_BPAC
EQU
7
; Packing Enable
M_BNC
EQU
$F00
; Number of Address Bits to Compare Mask
M_BAC
EQU
$FFF000
; Address to Compare Bits Mask BAC(11:0)
;
control and status bits in SR
M_CP
EQU
$c00000
; mask for CORE-DMA priority bits in SR
M_CA
EQU
0
; Carry
M_V
EQU
1
; Overflow
M_Z
EQU
2
; Zero
M_N
EQU
3
; Negative
M_U
EQU
4
; Unnormalized
M_E
EQU
5
; Extension
M_L
EQU
6
; Limit
M_S
EQU
7
; Scaling Bit
M_I0
EQU
8
; Interrupt Mask Bit 0
M_I1
EQU
9
; Interrupt Mask Bit 1
M_S0
EQU
10
; Scaling Mode Bit 0
M_S1
EQU
11
; Scaling Mode Bit 1
M_SC
EQU
13
; Sixteen_Bit Compatibility
M_DM
EQU
14
; Double Precision Multiply
M_LF
EQU
15
; DO-Loop Flag
M_FV
EQU
16
; DO-Forever Flag
M_SA
EQU
17
; Sixteen-Bit Arithmetic
M_CE
EQU
19
; Instruction Cache Enable
M_SM
EQU
20
; Arithmetic Saturation
M_RM
EQU
21
; Rounding Mode
M_CP0
EQU
22
; bit 0 of priority bits in SR
M_CP1
EQU
23
; bit 1 of priority bits in SR
;
control and status bits in OMR
M_CDP
EQU
$300
; mask for CORE-DMA priority bits in OMR
M_MA
EQU0
; Operating Mode A
M_MB
EQU1
; Operating Mode B
M_MC
EQU2
; Operating Mode C
M_MD
EQU3
; Operating Mode D
M_EBD
EQU
4
; External Bus Disable bit in OMR
M_SD
EQU
6
; Stop Delay
M_MS
EQU
7
; Memory Switch bit in OMR
M_CDP0
EQU
8
; bit 0 of priority bits in OMR
M_CDP1
EQU
9
; bit 1 of priority bits in OMR
M_BEN
EQU
10
; Burst Enable
M_TAS
EQU
11
; TA Synchronize Select
M_BRT
EQU
12
; Bus Release Timing
M_ATE
EQU
15
; Address Tracing Enable bit in OMR.
M_XYS
EQU
16
; Stack Extension space select bit in OMR.
M_EUN
EQU
17
; Extended stack UNderflow flag in OMR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com