Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 245 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 245 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 241Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 242Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 243Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 244Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 245Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 246Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 247Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 248Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 249Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
B-1
Programming Reference
B
This reference for programmers includes a table showing the addresses of all DSP
memory-mapped peripherals, an exception priority table, and programming sheets for the major
programmable DSP registers. The programming sheets are grouped in the following order:
central processor, Phase Lock Loop (PLL), Host Interface (HI08), Enhanced Synchronous Serial
Interface (ESSI), Serial Communication Interface (SCI), Timer, and GPIO. Each sheet provides
room to write in the value of each bit and the hexadecimal value for each register. You can
photocopy these sheets and reuse them for each application development project. For details on
the instruction set of the DSP56300 family of DSPs, see the DSP56300 Family Manual.
„ Table B-2, Internal I/O Memory Map (X Data Memory), on page B-2 lists the memory
addresses of all internal peripherals.
„ Table B-3, Interrupt Sources, on page B-6 lists the interrupt starting addresses and
sources.
„ Table B-4, Interrupt Source Priorities Within an IPL, on page B-8 lists the priorities of
specific interrupts within interrupt priority levels.
„ The programming sheets appear in this manual as figures (listed in Table B-1); they show
the major programmable registers on the DSP56303.
Table B-1. Guide to Programming Sheets
Module
Programming Sheet
Page
Central
Processor
Figure B-1, "Status Register (SR)"
page B-10
Figure B-2, "Operating Mode Register (OMR)"
page B-11
IPR
Figure B-3, "Interrupt Priority Register-Peripherals (IPRP)"
page B-12
Figure B-3, "Interrupt Priority Register-Peripherals (IPRP)"
page B-12
PLL
Figure B-4, "Phase-Locked Loop Control Register (PCTL)"
page B-13
BIU
Figure B-5, "Bus Control Register (BCR)"
page B-14
Figure B-6, "DRAM Control Register (DCR)"
page B-15
Figure B-7, "Address Attribute Registers (AAR[3–0])"
page B-16
DMA
Figure B-8, "DMA Control Registers 5–0 (DCR[5–0])"
page B-17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com