Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 273 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 273 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 269Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 270Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 271Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 272Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 273Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 274Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 275Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 276Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 277Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 292 page
background image
Programming Sheets
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
B-29
Figure B-20. Timer Control/Status Register (TCSR)
Application:
Date:
Programmer:
Sheet 2 of 3
15 14 13 12 11 10
987
6543
210
TC3
TC1
TC0
TCIE TQIE
TE
19 18 17 16
23 22 21 20
TCF
TC2
PCE
DO
DI
DIR
TOF
TRM
INV
Timers
*0
*0
*0
*0
*0
*0
*0
*0
*0
Timer Enable Bit 0
0 = Timer Disabled
1 = Timer Enabled
Timer Overflow Interrupt Enable Bit 1
0 = Overflow Interrupts Disabled
1 = Overflow Interrupts Enabled
Inverter Bit 8
0 = 0- to-1 transitions on TIO input increment the counter,
or high pulse width measured, or high pulse output on TIO
1 = 1-to-0 transitions on TIO input increment the counter,
or low pulse width measured, or low pulse output on TIO
Timer Compare Interrupt Enable Bit 2
0 = Compare Interrupts Disabled
1 = Compare Interrupts Enabled
Timer Control/Status Register
TCSR0:$FFFF8F Read/Write
TCSR1:$FFFF8B Read/Write
TCSR2:$FFFF87 Read/Write
Reset = $000000
*= Reserved, Program as 0
Timer Reload Mode Bit 9
1 = Timer is reloaded when
selected condition occurs
0 = Timer operates as a free
running counter
Timer Overflow Flag Bit 20
0 = “1” has been written to TCSR(TOF),
or timer Overflow interrupt serviced
1 = Counter wraparound has occurred
Direction Bit 11
0 = TIO pin is input
1 = TIO pin is output
Data Output Bit 13
0 = Zero written to TIO pin
1 = One written to TIO pin
Data Input Bit 12
0 = Zero read on TIO pin
1 = One read on TIO pin
Timer Compare Flag Bit 21
0 = “1” has been written to TCSR(TCF),
or timer compare interrupt serviced
1 = Timer Compare has occurred
Prescaled Clock Enable Bit 15
0 = Clock source is CLK/2 or TIO
1 = Clock source is prescaler output
Timer Control Bits 4–7 (TC[3–0])
TC (3:0)
TIO
Clock
Mode
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
GPIO
Output
Output
Input
Input
Input
Input
Output
–
Output
Output
–
–
–
–
–
Internal
Internal
Internal
External
Internal
Internal
Internal
Internal
–
Internal
Internal
–
–
–
–
–
Timer
Timer Pulse
Timer Toggle
Event Counter
Input Width
Input Period
Capture
Pulse Width Modulation
Reserved
Watchdog Pulse
Watchdog Toggle
Reserved
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com