Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 270 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 270 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 266Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 267Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 268Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 269Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 270Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 271Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 272Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 273Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 274Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
B-26
Freescale Semiconductor
Programming Reference
Figure B-17. SCI Control Register (SCR)
Application:
Date:
Programmer:
Sheet 1 of 2
SCI
SCI Control Register (SCR)
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
WOMS
WAKE SBK SSFTD WDS2 WDS1 WDS0
23
*
RWU
*0
SCKP STIR TMIE
TIE
RIE
ILIE
TE
RE
SCI Shift Direction
0 = LSB First
1 = MSB First
Send Break
0 = Send break, then revert
1 = Continually send breaks
Receiver Wakeup Enable
0 = receiver has awakened
1 = Wakeup function enabled
Receiver Enable
0 = Receiver Disabled
1 = Receiver Enabled
Wired-Or Mode Select
1 = Multidrop
0 = Point to Point
Wakeup Mode Select
0 = Idle Line Wakeup
1 = Address Bit Wakeup
Word Select Bits
0 0 0 = 8-bit Synchronous Data (Shift Register Mode)
0 0 1 = Reserved
0 1 0 = 10-bit Asynchronous (1 Start, 8 Data, 1 Stop)
0 1 1 = Reserved
1 0 0 = 11-bit Asynchronous (1 Start, 8 Data, Even Parity, 1 Stop)
1 0 1 = 11-bit Asynchronous (1 Start, 8 Data, Odd Parity, 1 Stop)
1 1 0 = 11-bit Multidrop (1 Start, 8 Data, Data Type, 1 Stop)
1 1 1 = Reserved
Transmitter Enable
0 = Transmitter Disable
1 = Transmitter Enable
Transmit Interrupt Enable
0 = Transmit Interrupts Disabled
1 = Transmit Interrupts Enabled
Idle Line Interrupt Enable
0 = Idle Line Interrupt Disabled
1 = Idle Line Interrupt Enabled
Receive Interrupt Enable
SCI Clock Polarity
0 = Clock Polarity is Positive
1 = Clock Polarity is Negative
SCI Timer Interrupt Rate
0 = ÷ 32, 1 = ÷ 1
Timer Interrupt Enable
0 = Timer Interrupts Disabled
1 = Timer Interrupts Enabled
0 = Receive Interrupt Disabled
1 = Idle Line Interrupt Enabled
X:$FFFF9C Read/Write
REIE
16
SCI Receive Exception Inerrupt
0 = Receive Interrupt Disable
1 = Receive Interrupt Enable
= Reserved, Program as 0
Reset $000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com