Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 267 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 267 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 263Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 264Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 265Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 266Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 267Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 268Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 269Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 270Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 271Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 292 page
background image
Programming Sheets
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
B-23
Figure B-14. ESSI Control Register A (CRA)
Application:
Date:
Programmer:
Sheet 1 of 3
ESSI
15 14 13 12 11 10
9876543
210
PM7
PM5
PM4 PM3
PM2 PM1
PM0
19 18 17 16
23 22 21 20
ALC
WL0
WL1
SSC1
* = Reserved, Program as 0
PM6
*0
*0
*0
*0
Word Length Control
WL2
WL1
WL0
Number of bits/word
000
8
001
12
010
16
011
24
1
0
0
32 (data in first 24 bits)
1
0
1
32 (data in last 24 bits)
110
Reserved
111
Reserved
Select SC1 as Tx#0 drive
enable
0 = SC1 functions as
serial I/O flag
1 = functions as driver
enable of Tx#0
external buffer
Frame Rate Divider Control
DC4:0 = $00-$1F (1 to 32)
Divide ratio for Normal mode
# of time slots for Network
Prescaler Range
0 = divide by 8
1 = divide by 1
Prescale Modulus Select
PM[7–0] = $00-$FF (divide by 1 to 256)
The combination of PSR = 1 and PM[7:0] = $00 is forbidden
*0
WL2
DC4
DC3 DC2
DC1
DC0
PSR
Alignment Control
0 = 16-bit data left aligned to bit 23
1 = 16-bit data left aligned to bit 15
ESSI Control Register A (CRAx) ESSI0—X:$FFFFB5 Read/Write
ESSI1—X:$FFFFA5 Read/Write
Reset = $000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com