Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 268 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 268 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 264Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 265Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 266Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 267Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 268Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 269Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 270Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 271Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 272Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
B-24
Freescale Semiconductor
Programming Reference
Figure B-15. ESSI Control Register B (CRB)
Application:
Date:
Programmer:
Sheet 2 of 3
ESSI
15 14 13 12 11 10
987
6543
210
FSL0
SCKD SCD2 SCD1 SCD0 OF1
OF0
19 18 17 16
23 22 21 20
TIE
RIE
RLIE
REIE
SHFD
TEIE
TE0
TE1
TE2 MOD SYN CKP
TLIE
RE
FSP
FSR FSL1
ESSI Control Register B (CRBx)
ESSI0—X:$FFFFB6 Read/Write
ESSI1—X:$FFFFA6 Read/Write
Reset = $000000
Receive Exception Interrupt Enable
0 = Disable
1 = Enable
Transmit 2 Enable (SYN=1 only)
0 = Disable
1 = Enable
Mode Select
0 = Normal
1 = Network
Transmit 1 Enable (SYN=1 only)
0 = Disable
1 = Enable
Transmit Interrupt Enable
0 = Disable
1 = Enable
Receive Interrupt Enable
0 = Disable
1 = Enable
Transmit Last Slot Interrupt Enable
0 = Disable
1 = Enable
Receive Last Slot Interrupt Enable
0 = Disable
1 = Enable
Transmit Exception Interrupt Enable
0 = Disable
1 = Enable
Transmit 0 Enable
0 = Disable
1 = Enable
Receiver Enable
0 = Disable
1 = Enable
Clock Polarity
0 = out on rising/in on falling
1 = in on rising/out on falling
Sync/Async Control
0 = Asynchronous
1 = Synchronous
Frame Sync Polarity
0 = high level (positive)
1 = low level (negative)
Frame Sync Relative Timing
0 = with first data bit
1 = 1 clock cycle earlier than first data bit
FSL1
FSL0
Frame Sync
Length
TX
RX
0
0
Word
Word
01
Bit
Word
10
Bit
Bit
11
Word
Bit
Shift Direction
0 = MSB First
1 = LSB First
Clock Source Direction
0 = External Clock
1 = Internal Clock
Serial Control Direction Bits (see Table 7-2)
Pin
SCDx = 0 (Input)
SCDx = 1 (Output)
SC0
Rx Clk
Flag 0
SC1
Rx Frame Sync
Flag 1
SC2
Tx Frame Sync
Tx, Rx Frame Sync
Output Flag x
If SYN = 1 and SCD1 = 1
OFx
→ SCx Pin
(Tx & Rx transfer together or not)
(clk edge data & Frame Sync clocked out/in)
(WL Frame Sync only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com