Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 263 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 263 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 259Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 260Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 261Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 262Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 263Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 264Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 265Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 266Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 267Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 292 page
background image
Programming Sheets
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
B-19
Figure B-10. Host Base Address and Host Port Control Registers
Application:
Date:
Programmer:
Sheet 2 of 5
HOST
7
6
543
2
1
0
15
BA5
BA3
BA7
BA4
BA6
*0
Host Base Address Register (HBAR) X:$FFFFC5 Read/Write
Reset = $80
8
BA8
BA9
BA10
*0
15
14
13
12
11
10
987654
3210
HAEN
HREN HCSEN HA9EN HA8EN HGEN
* = Reserved, Program as 0
HEN
*0
HAP
HRP
HCSP
HDDS
HROD
HMUX
HDSP
HASP
Host Port Control Register (HPCR)
X:$FFFFC4 Read/Write
Reset = $00
Host Acknowledge Enable
0
→ HACK = GPIO
Host Request Enable
0
→ HREQ/HACK = GPIO,
1
→ HREQ = HREQ, if HDRQ = 0
Host Chip Select Enable
0
→ HCS/HAI0 = GPIO,
1
→ HCS/HA10 = HC8, if HMUX = 0
1
→ HCS/HA10 = HC10, if HMUX = 1
Host Address Line 9 Enable
0
→ HA9 = GPIO, 1 → HA9 = HA9
Host Address Line 8 Enable
0
→ HA8 = GPIO, 1 → HA8 = HA8
Host GPIO Port Enable
0 = GPIO Pins Disable, 1 = GPIO Pin Enable
Host Acknowledge Priority
0 = HACK Active Low, 1 = HACK Active High
Host Chip Select Polarity
0 = HCS Active Low
Host Dual Data Strobe
0 = Singles Stroke, 1 = Dual Stoke
Host Multiplexed Bus
0 = Nonmultiplexed, 1 = Multiplexed
Host Address Strobe Polarity
0 = Strobe Active Low, 1 = Strobe Active High
Host Data Strobe Polarity
0 = Strobe Active Low, 1 = Strobe Active High
Host Enable
0
→ HI08 Disable
1
→ HI08 Enable
Pins = GPIO
If HDRQ & HREN = 1,
HACK = HACK
Host Request Open Drain
HDRQ
HROD
HREN/HEW
0
0
1
1
0
1
0
1
1
1
1
1
HTRQ & HRRQ Enable
1 = HCS Active High
Host Request Priority
HDRQ
HRP
0
0
1
1
0
1
0
1
HREQ Active Low
HREQ Active High
HTRQ,HRRQ Active Low
HTRQ,HRRQ Active High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com