Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 259 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 259 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 255Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 256Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 257Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 258Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 259Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 260Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 261Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 262Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 263Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 292 page
background image
Programming Sheets
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
B-15
Figure B-6. DRAM Control Register (DCR)
Bus Interface Unit
DRAM Control Register (DCR)
Reset = $000000
Refresh Request Rate, Bits 22–15
Refresh Prescaler, Bit 23
0 = Prescaler bypassed
1 = Divide-by-64 prescaler used
NOTE: All DCR bits are read/write control bits.
These read/write control bits define
the refresh request rate. The bits
specify a divide from 1–256
(BRF[7–0] = $00–$FF). A refresh
request is generated every time
the refresh counter reaches zero,
Application:
Date:
Programmer:
Sheet 2 of 3
15 14 13 12 11 10
987654
3210
19 18 17 16
23 22 21 20
BRP
BRF[7–0]
BPS[1–0]
BCW[1–0]
X:$FFFFFA Read/Write
BRW[1–0]
BSTR BREN BME BPLE
if the refresh counter is enabled
(i.e., BREN = 1).
Bus Software Triggered
0 = Refresh complete/reset
1 = Software triggered refresh request
Bus Refresh
0 = Disable
1 = Enable
Bus Mastership
0 = Disable
1 = Enable
Bus Page Logic
0 = Disable
1 = Enable
* = Reserved, Program as 0
*0
*0 *0 *0 *0
Bus DRAM Page Size, Bits 9–8
00 = 9-bit column width, 512
01 = 10-bit column width, 1 K
10 = 11-bit column width, 2 K
11 = 12-bit column width, 4 K
Bus Row Out-of-Page
00 = 4 wait states
01 = 8 wait states
10 = 11 wait states
11 = 15 wait states
Bus In-Page
00 = 1 wait state
01 = 2 wait states
10 = 3 wait states
11 = 4 wait states
Refresh, Bit 14
Enable, Bit 13
Enable, Bit 12
Enable, Bit 11
Wait States, Bits 1–0
Wait States, Bits 3–2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com