Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 260 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 260 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 256Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 257Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 258Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 259Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 260Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 261Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 262Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 263Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 264Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
B-16
Freescale Semiconductor
Programming Reference
Figure B-7. Address Attribute Registers (AAR[3–0])
Bus Interface Unit
Address Attribute Registers 3 (AAR3)
Reset = $000000
15 14 13 12 11 10
9
876543210
19 18 17 16
23 22 21 20
*
= Reserved, Program as 0
0 = Disable AA pin and logic during
1 = Enable AA pin and logic during
Bus Packing Enable, Bit 7
0 = Disable internal packing/unpacking logic
*0
Bus Access Type, Bits 1–0
Bus Y Data Memory Enable, Bit 5
1 = Enable internal packing/unpacking logic
Bus Number of Address Bits to Compare, Bits 11–8
BNC[3–0] = number of bits (from BAC bits) that are
Bus Address to Compare, Bits 23–12
BAC[11–0] = address to compare to the
BAC11
(Combinations BNC[3–0] = 1111, 1110, 1101 are
reserved.)
external Y data space accesses
external Y data space accesses
0 = Disable AA pin and logic during
1 = Enable AA pin and logic during
Bus X Data Memory Enable, Bit 4
external X data space accesses
external X data space accesses
0 = Disable AA pin and logic during
1 = Enable AA pin and logic during
Bus Program Memory Enable, Bit 3
external program space accesses
external program space accesses
Bus Address Attribute Polarity, Bit 2
0 =
AA/RAS signal is active low
1 =
AA/RAS signal is active high
BAT[1–0]
Encoding
00
Reserved
01
SRAM access
10
DRAM access
11
Reserved
compared to the external address
external address in order to decide
whether to assert the AA pin
Application:
Date:
Programmer:
Sheet 3 of 3
BAC10 BAC9 BAC8 BAC7 BAC6 BAC5 BAC4 BAC3 BAC2 BAC1 BAC0 BNC3 BNC2 BNC1 BNC0 BPAC
BYEN BXEN BPEN BAAP BAT1
BAT0
X:$FFFFF6 Read/Write
Address Attribute Registers 2 (AAR2)
X:$FFFFF7 Read/Write
Address Attribute Registers 1 (AAR1)
X:$FFFFF8 Read/Write
Address Attribute Registers 0 (AAR0)
X:$FFFFF9 Read/Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com