Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 261 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 261 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 257Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 258Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 259Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 260Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 261Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 262Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 263Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 264Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 265Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 292 page
background image
Programming Sheets
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
B-17
Figure B-8. DMA Control Registers 5–0 (DCR[5–0])
DMA Control Registers (DCR5–DCR0)
Reset = $000000
15 14 13 12 11 10
98765432
10
19 18 17 16
23 22 21 20
DMA Channel Enable, Bit 23
0 = Disables channel operation
1 = Enables channel operation
DMA Interrupt Enable, Bit 22
0 = Disables DMA Interrupt
1 = Enables DMA interrupt
DMA Continuous Mode Enable, Bit 16
0 = Disables continuous mode
1 = Enables continuous mode
Three-Dimensional Mode, Bit 10
0 = Three-Dimensional mode disabled
DMA Transfer Mode, Bits 21–19
DTM[2:0]
Triggered By
DE Cleared
Transfer Mode
000
request
yes
block transfer
001
request
yes
word transfer
010
request
yes
line transfer
011
DE
yes
block transfer
100
request
no
block transfer
101
request
no
word transfer
110
reserved
111
reserved
1 = Three-Dimensional mode enabled
DMA Channel Priority, Bits 18–17
DPR[1:0]
Channel Priority
00
Priority level 0 (lowest)
01
Priority level 1
10
Priority level 2
11
Priority level 3 (highest)
DMA Source Space, Bits 1–0
DSS[1:0]
DMA Source Memory
00
X Memory Space
01
Y Memory Space
10
P Memory Space
11
Reserved
DMA Destination Space, Bits 3–2
DSS[1:0]
DMA Destination Memory
00
X Memory Space
01
Y Memory Space
10
P Memory Space
11
Reserved
DMA Request Source, Bits 15–11
DRS[4:0]
Requesting Device
00000–00011
External (IRQA, IRQB, IRQC, IRQD)
00100–01001
Transfer done from channel 0,1,2,3,4,5
01010–01011
ESSI0 Receive, Transmit Data
01100–01101
ESSI1 Receive, Transmit Data
01110–01111
SCI Receive, Transmit Data
10000–10010
Timer0, Timer1, Timer2
10011
Host Receive Data Full
10100
Host Transmit Data Empty
10101 - 11111
Reserved
DMA Address Mode, Bits 9–4
Non-Three-Dimensional Addressing Modes (D3D=0)
Three-Dimensional Addressing Modes (D3D=1)
DAM[5:3]
DAM[2:0]
Addressing Mode
Counter
Mode
Offset Register
Selection
000
2D
B
DOR0
001
2D
B
DOR1
010
2D
B
DOR2
011
2D
B
DOR3
100
No update
A
None
101
Postincrement-by-1
A
None
110
reserved
111
reserved
DAM[5:3]
Addressing Mode
Offset Selection
000
2D
DOR0
001
2D
DOR1
010
2D
DOR2
011
2D
DOR3
100
No update
None
101
Postincrement-by-1
None
110
3D
DOR0: DOR1
111
3D
DOR2: DOR3
DAM[2–0] = source
DAM[5–3] = Destination
DMA
Application:
Date:
Programmer:
Sheet 1 of 1
DRS[4–0]
DE
DTM[2–0]
DAM[5–0]
DDS[1–0]
DSS[1–0]
DIE
DPR[1–0] DCON
D3D
X:$FFFFE4, X:$FFFFE8, X:$FFFFEC
Read/Write
X:$FFFFD8, X:$FFFFDC, X:$FFFFE0,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com