Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 107 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 103Page - STMicroelectronics L99DZ320 Datasheet HTML 104Page - STMicroelectronics L99DZ320 Datasheet HTML 105Page - STMicroelectronics L99DZ320 Datasheet HTML 106Page - STMicroelectronics L99DZ320 Datasheet HTML 107Page - STMicroelectronics L99DZ320 Datasheet HTML 108Page - STMicroelectronics L99DZ320 Datasheet HTML 109Page - STMicroelectronics L99DZ320 Datasheet HTML 110Page - STMicroelectronics L99DZ320 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 146 page
background image
Bit
Name
Description
5
PWM6_FREQ
Select PWM6 frequency
0: fPWM1 = 100 Hz (default)
1: fPWM2 = 200 Hz
4
PWM5_FREQ
Select PWM5 frequency
0: fPWM1 = 100 Hz (default)
1: fPWM2 = 200 Hz
3
PWM4_FREQ
Select PWM4 frequency
0: fPWM1 = 100 Hz (default)
1: fPWM2 = 200 Hz
2
PWM3_FREQ
Select PWM3 frequency
0: fPWM1 = 100 Hz (default)
1: fPWM2 = 200 Hz
1
PWM2_FREQ
Select PWM2 frequency
0: fPWM1 = 100 Hz (default)
1: fPWM2 = 200 Hz
0
PWM1_FREQ
Select PWM1 frequency
0: fPWM1 = 100 Hz (default)
1: fPWM2 = 200 Hz
6.4.7
Control register 11 (0x38)
Table 89. Control register 11
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
name
Reset
value
0
Access
R
RW
R
RW
R
RW
Table 90. CR11 signals description
Bit
Name
Description
23:0
RESERVED
-
L99DZ320
SPI Registers
DS14235 - Rev 5
page 107/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com