Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 108 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 104Page - STMicroelectronics L99DZ320 Datasheet HTML 105Page - STMicroelectronics L99DZ320 Datasheet HTML 106Page - STMicroelectronics L99DZ320 Datasheet HTML 107Page - STMicroelectronics L99DZ320 Datasheet HTML 108Page - STMicroelectronics L99DZ320 Datasheet HTML 109Page - STMicroelectronics L99DZ320 Datasheet HTML 110Page - STMicroelectronics L99DZ320 Datasheet HTML 111Page - STMicroelectronics L99DZ320 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 146 page
background image
6.4.8
Control register 12 (0x39)
Table 91. Control register 12
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
name
Reset
value
0
1
0
1
0
1
0
1
0
Access
R
RW
Table 92. CR12 signals description
Bit
Name
Description
23
RESERVED
-
22
DIAG_1
Drain-source monitoring threshold for external H-bridge
Monitoring threshold voltage
00 VSCd1
01 VSCd2
10 VSCd3
11 VSCd4 (default)
21
DIAG_1
20:15
RESERVED
-
14
SD
Slow decay
0: slow decay mode low-side ON (default, LS1 or LS2 depending only on DIRH pin)
1: slow decay mode high-side ON (HS1 or HS2 depending only on DIRH pin)
13
SDS
Slow decay single
0: slow decay mode both legs ON (default)
1: slow decay mode single leg ON
12
DM
Dual motor H-bridge configuration
0: single motor mode (default)
1: dual motor mode
11
COPT_3
Cross current protection time(1)
0010 tccp0010
0011 tccp0011
0100 tccp0100
0101 tccp0101
0110 tccp0110
0111 tccp0111
1000 tccp1000
1001 tccp1001
1010 tccp1010
1011 tccp1011
1100 tccp1100
10
COPT_2
9
COPT_1
8
COPT_0
L99DZ320
SPI Registers
DS14235 - Rev 5
page 108/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com