Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 109 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 105Page - STMicroelectronics L99DZ320 Datasheet HTML 106Page - STMicroelectronics L99DZ320 Datasheet HTML 107Page - STMicroelectronics L99DZ320 Datasheet HTML 108Page - STMicroelectronics L99DZ320 Datasheet HTML 109Page - STMicroelectronics L99DZ320 Datasheet HTML 110Page - STMicroelectronics L99DZ320 Datasheet HTML 111Page - STMicroelectronics L99DZ320 Datasheet HTML 112Page - STMicroelectronics L99DZ320 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 146 page
background image
Bit
Name
Description
1101 tccp1101
1110 tccp1110
1111 tccp1111 (default)
7
H_OLTH_HIGH
H-bridge OL high threshold (5/6 * VS) select
0: VSCd threshold low (default, 1/6 * VS)
1: VSCd threshold high (5/6 * VS)
6
OL_H1L2(2)
Test open-load condition between H1 and L2
0: no pull-up on H1 (default, no test on H1 L2)
1: pull-up resistor on H1 (test on H1 L2)
5
OL_H2L1(2)
Test open-load condition between H2 and L1
0: no pull-up on H2 (default, no test on H1 L2)
1: pull-up resistor on H2 (test on H2 L1)
4
SLEW_4
Binary coded slew rate of the H-bridge
Slew rate value
00000: control disabled (default)
00001: 1/31
00010: 2/31
...
11110: 30/31
11111: 1
3
SLEW_3
2
SLEW_2
1
SLEW_1
0
SLEW_0
1. tccp values “0000” and “0001” are not allowed.
2. Before going to Standby mode, OL_H1L2 and OL_H2L1 must be set to 0 to achieve the specified current consumption.
6.4.9
Control register 13 (0x3A)
Table 93. Control register 13
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
name
Reset
value
0
1
0
Access RW
R
RW
R
RW
Table 94. CR13 signals description
Bit
Name
Description
23
HS7_RDSON
Select Rdson for HS7
0 rON1 (0.3 Ω) (default)
1 rON2 (1.6 Ω)
22:17
RESERVED -
16
HS9_OCR
Overcurrent recovery for HS9
0 overcurrent recovery is turned OFF (default)
L99DZ320
SPI Registers
DS14235 - Rev 5
page 109/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com