Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 116 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 112Page - STMicroelectronics L99DZ320 Datasheet HTML 113Page - STMicroelectronics L99DZ320 Datasheet HTML 114Page - STMicroelectronics L99DZ320 Datasheet HTML 115Page - STMicroelectronics L99DZ320 Datasheet HTML 116Page - STMicroelectronics L99DZ320 Datasheet HTML 117Page - STMicroelectronics L99DZ320 Datasheet HTML 118Page - STMicroelectronics L99DZ320 Datasheet HTML 119Page - STMicroelectronics L99DZ320 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 146 page
background image
6.4.12
Control register 16 (0x3D)
Table 99. Control register 16
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
name
Reset
value
1
0
Access
RW
Table 100. CR16 signals description
Bit
Name
Description
23
VSREG_LOCK_ENA
Lockout of VSREG related outputs after VSREG over/undervoltage shutdown:
0 VSREG related outputs are turned ON automatically and status bits (VSREG_UV, VSREG_OV) are
cleared
1 VSREG related outputs remain turned OFF until status bits (VSREG_UV, VSREG_OV) are cleared
(default)
Note:
lockout is always disabled in standby modes in order to ensure supply of external
contacts and detect wake-up conditions.
22
VS_LOCK_ENA
Lockout of VS related outputs after VS over/undervoltage shutdown:
0 VS related outputs are turned ON automatically and status bits (VS_UV, VS_OV) are cleared
1 VS related outputs remain turned OFF until status bits (VS_UV, VS_OV) are cleared (default)
Note:
lockout is always disabled in standby modes in order to ensure supply of external
contacts and detect wake-up conditions.
21
VSREG_OV_SD_ENA
Shutdown of VSREG related outputs in case of VSREG overvoltage:
0 no shutdown of VSREG related outputs in case of VSREG overvoltage
1 shutdown of VSREG related outputs in case of VSREG overvoltage (default)
20
VSREG_UV_SD_ENA
Shutdown of VSREG related outputs in case of VSREG undervoltage:
0 no shutdown of VSREG related outputs in case of VSREG undervoltage
1 shutdown of VSREG related outputs in case of VSREG undervoltage (default)
Note:
in case of V1 undervoltage due to VSREG UV, the device enters failsafe mode and the
related outputs are turned OFF.
19
VS_OV_SD_ENA
Shutdown of VS related outputs in case of VSovervoltage:
0 no shutdown of VS related outputs in case of VS overvoltage if charge pump output voltage is still
sufficient (until CPLOW threshold is reached)
1 shutdown of VS related outputs in case of VS overvoltage (default)
18
VS_UV_SD_ENA
Shutdown of VS related outputs in case of VS undervoltage:
0 no shutdown of VS related outputs in case of VS UnderVoltage
1 shutdown of VS related outputs in case of VS UnderVoltage (default)
Note:
In case of V1 UnderVoltage due to VS UV, the device enters fail-safe mode and the
related outputs are turned OFF.
17
HB6OCTH_1
Selectable overcurrent threshold on HB6:
00 IOC6th3(default)
01 IOC6th1
16
HB6OCTH_0
L99DZ320
SPI Registers
DS14235 - Rev 5
page 116/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com