Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 119 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 115Page - STMicroelectronics L99DZ320 Datasheet HTML 116Page - STMicroelectronics L99DZ320 Datasheet HTML 117Page - STMicroelectronics L99DZ320 Datasheet HTML 118Page - STMicroelectronics L99DZ320 Datasheet HTML 119Page - STMicroelectronics L99DZ320 Datasheet HTML 120Page - STMicroelectronics L99DZ320 Datasheet HTML 121Page - STMicroelectronics L99DZ320 Datasheet HTML 122Page - STMicroelectronics L99DZ320 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 146 page
background image
Bit
Name
Description
011 ton4
100 ton5
101 invalid setting; command is ignored and SPI INV CMD is set
110 invalid setting; command is ignored and SPI INV CMD is set
111 invalid setting; command is ignored and SPI INV CMD is set
Note:
When the configuration of a timer is changed, the timer is automatically restarted using the new
configuration.
10
T1_PER_2
Configuration of Timer 1 Period
T1 Period
000 T1 (default)
001 T2
010 T3
011 T4
100 T5
101 T6
110 T7
111 T8
Note:
When the configuration of a timer is changed, the timer is automatically restarted using the new
configuration.
9
T1_PER_1
8
T1_PER_0
7
V1_RESET_1 Voltage regulator V1 reset level
V1 reset level
00 VRT4 (default)
01 VRT3
10 VRT2
11 VRT1
6
V1_RESET_0
5
RESERVED
-
4
WD_TIME
Window Watchdog Trigger Time
0 TSW1 (default)
1 TSW2
Writing to WD_TIME_x is blocked unless WD_CONFIG_EN = 1
3
RESERVED
-
1
STBY_SEL
see Table 103. STBY_SEL and GO_STBY bits
0
GO_STBY
see Table 103. STBY_SEL and GO_STBY bits
Table 103. STBY_SEL and GO_STBY bits
STBY_SEL
GO_STBY
1
1
Go to V1_Standby
0
1
Go to VBAT_Standby
1
0
No transition to standby
0
0
No transition to standby (default)
Note:
After wake-up event, STBY_SEL and GO_STBY bits do not change the value remaining with the same setting.
L99DZ320
SPI Registers
DS14235 - Rev 5
page 119/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com