Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 121 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 117Page - STMicroelectronics L99DZ320 Datasheet HTML 118Page - STMicroelectronics L99DZ320 Datasheet HTML 119Page - STMicroelectronics L99DZ320 Datasheet HTML 120Page - STMicroelectronics L99DZ320 Datasheet HTML 121Page - STMicroelectronics L99DZ320 Datasheet HTML 122Page - STMicroelectronics L99DZ320 Datasheet HTML 123Page - STMicroelectronics L99DZ320 Datasheet HTML 124Page - STMicroelectronics L99DZ320 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 146 page
background image
Bit
Name
Description
10 External Interrupt 1 monitored in cyclic mode with Timer 1 (filter time: tWU_cyc; blanking time 80% of
timer ON time)(1)
11 Invalid setting; command is ignored and SPI INV CMD is set
7
HEN
Enable H-bridge
0: H-bridge disabled (default)
1: H-bridge enabled
Refer to Section 2.4.13: H-bridge driver for details.
6
CAN_REC_ONLY
CAN receive only mode
0: CAN receive Only mode disabled (default)
1: CAN receive Only mode enabled (CAN Trx must be activated, see CAN_ACT bit)
5
CAN_ACT
CAN transceiver activation
0: CAN Trx low-power mode (default)
1: CAN Trx normal mode
4
LIN_WU_EN (2)
Enable wake-up by LIN
0: disabled
1: enabled (default)
Note: the wake-up behavior is configurable in the CR1 (0x26).
3
CAN_WU_EN (2)
Enable wake-up by CAN
0: disabled
1: enabled (default)
Note: wake-up occurs at a wake–up event according to ISO 11898-2.
2
TIME_NINT_WAKE_SEL
Select timer for periodic interrupt in standby modes
0: Timer 2 (default)
1: Timer 1
1
TIMER_NINT_ EN
Enable timer interrupt in standby modes
0: Timer Interrupt disabled (default)
1: Timer Interrupt enabled
V1_Standby mode: device wakes up and interrupt signal is generated at RXDL/NINT when
programmable time-out has elapsed.
VBAT_Standby mode: device wakes up after timer expiration and generates Nreset.
0
TRIG
Watchdog Trigger bit
1. Lower is the timer duration and major is the contribution of output td ON.
2. Either LIN or CAN must be enabled as wake-up source. Setting both bits 3 and 4 to ‘0’ is an invalid setting. All wake-up sources are
configured according to default setting; SPI Error Bit (SPIE) in Global Status Register is set.
L99DZ320
SPI Registers
DS14235 - Rev 5
page 121/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com