Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 124 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 120Page - STMicroelectronics L99DZ320 Datasheet HTML 121Page - STMicroelectronics L99DZ320 Datasheet HTML 122Page - STMicroelectronics L99DZ320 Datasheet HTML 123Page - STMicroelectronics L99DZ320 Datasheet HTML 124Page - STMicroelectronics L99DZ320 Datasheet HTML 125Page - STMicroelectronics L99DZ320 Datasheet HTML 126Page - STMicroelectronics L99DZ320 Datasheet HTML 127Page - STMicroelectronics L99DZ320 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 146 page
background image
Bit
Name
Description
15:14
RESERVED -
13
HB6_HS_SC
Short-circuit on HB6 high-side
‘1’ indicates short circuit condition on HS of HB6 (second overcurrent threshold in overcurrent recovery mode)
Bit is latched until a “Read & Clear” command
12
HB5_HS_SC
Short-circuit on HB5 high-side
‘1’ indicates short-circuit condition on HS of HB5 (second overcurrent threshold in overcurrent recovery mode)
Bit is latched until a “Read & Clear” command
11
HB4_HS_SC
Short-circuit on HB4 high-side
‘1’ indicates short circuit condition on HS of HB4 (second overcurrent threshold in overcurrent recovery mode)
Bit is latched until a “Read & Clear” command
10:0
RESERVED -
6.5.3
Status register 3 (0x03)
Table 110. Status register 3
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
name
Access
R&CR
R
R&CR
R
R&CR
Table 111. Status register 3 description
Bit
Name
Description
23:6
RESERVED
-
5
SGNDLOSS
Loss of ground status bit
‘1’ indicates that ground at SGND pin has been lost
Bit is not latched
4
IP_SUP_LOW
Internal IP supply low warning threshold
‘1’ indicates that Internal IP voltage supply (analog and/or digital) is less than 3V
Bit is latched until a “Read & Clear” command
3
CAN_SUP_LOW
CAN supply low warning threshold
‘1’ indicates that voltage at CAN supply pin reached the CAN supply low warning threshold
VCANSUP < VCANSUPlow
Bit is latched until a “Read & Clear” command
2:0
RESERVED
-
L99DZ320
SPI Registers
DS14235 - Rev 5
page 124/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com