Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 127 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 127 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 123Page - STMicroelectronics L99DZ320 Datasheet HTML 124Page - STMicroelectronics L99DZ320 Datasheet HTML 125Page - STMicroelectronics L99DZ320 Datasheet HTML 126Page - STMicroelectronics L99DZ320 Datasheet HTML 127Page - STMicroelectronics L99DZ320 Datasheet HTML 128Page - STMicroelectronics L99DZ320 Datasheet HTML 129Page - STMicroelectronics L99DZ320 Datasheet HTML 130Page - STMicroelectronics L99DZ320 Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 146 page
background image
Bit
Name
Description
‘1’ indicates an open-load condition was detected at the output
Bit is latched until a “Read & Clear” command
9
HB5_LS_OL
HB5 low-side open-load
‘1’ indicates an open-load condition was detected at the output
Bit is latched until a “Read & Clear” command
8
HB5_HS_OL
HB5 high-side open-load
‘1’ indicates an open-load condition was detected at the output
Bit is latched until a “Read & Clear” command
7
HB4_LS_OL
HB4 low-side open-load
‘1’ indicates an open-load condition was detected at the output
Bit is latched until a “Read & Clear” command
6
HB4_HS_OL
HB4 high-side open-load
‘1’ indicates an open-load condition was detected at the output
Bit is latched until a “Read & Clear” command
5:0
RESERVED
-
6.5.6
Status register 6 (0x06)
Table 116. Status register 6
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
name
Access
R&C
Table 117. Status register 6 description
Bit
Name
Description
23-22
RESERVED -
21
HS0_OC
HS0 overcurrent shutdown:
‘1’ indicates the output was shutdown due to overcurrent condition.
Bit is latched until a “Read & Clear” command
20
HS15_OC
HS15 overcurrent shutdown:
‘1’ indicates the output was shutdown due to overcurrent condition
Bit is latched until a “Read & Clear” command
19
HS14_OC
HS14 overcurrent shutdown:
‘1’ indicates the output was shutdown due to overcurrent condition
Bit is latched until a “Read & Clear” command
18
HS13_OC
HS13 overcurrent shutdown:
‘1’ indicates the output was shutdown due to overcurrent condition
Bit is latched until a “Read & Clear” command
17
HS12_OC
HS12 overcurrent shutdown:
‘1’ indicates the output was shutdown due to overcurrent condition
Bit is latched until a “Read & Clear” command
16
HS11_OC
HS11 overcurrent shutdown:
L99DZ320
SPI Registers
DS14235 - Rev 5
page 127/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com