Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 130 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 130 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 126Page - STMicroelectronics L99DZ320 Datasheet HTML 127Page - STMicroelectronics L99DZ320 Datasheet HTML 128Page - STMicroelectronics L99DZ320 Datasheet HTML 129Page - STMicroelectronics L99DZ320 Datasheet HTML 130Page - STMicroelectronics L99DZ320 Datasheet HTML 131Page - STMicroelectronics L99DZ320 Datasheet HTML 132Page - STMicroelectronics L99DZ320 Datasheet HTML 133Page - STMicroelectronics L99DZ320 Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 146 page
background image
Bit
Name
Description
10
SPI_SCK_CNT
SPI clock counter
‘1’ indicates an SPI frame with wrong number of CLK cycles was detected
Bit is latched until a “Read & Clear” command
9
CP_LOW
Charge pump voltage low
‘1’ indicates that the charge pump voltage is too low
Bit is latched until a “Read & Clear” command
8
TW
Thermal warning
‘1’ indicates the temperature has reached the thermal warning threshold
Bit is latched until a “Read & Clear” command
7
V2SC
V2 short-circuit detection
‘1’ indicates a short-circuit to GND condition of V2 at turn on of the regulator (V2 < V2fail for t > tv2short)
Bit is latched until a “Read & Clear” command
6
V2FAIL
V2 failure detection
‘1’ indicates a V2 fail event occurred since last readout (V2 < V2fail for t > tv2fail)
Bit is latched until a “Read & Clear” command
5
V1FAIL
V1 failure detection
‘1’ indicates a V1 fail event occurred since last readout (V1 < V1fail for t > tv1fail)
Bit is latched until a “Read & Clear” command
4
RESERVED
-
3
VSREG_OV
Vsreg overvoltage
‘1’ indicates the voltage at Vsreg has reached the overvoltage threshold
Bit is latched until a “Read & Clear” command
2
VSREG_UV
Vsreg under voltage
‘1’ indicates the voltage at Vsreg has reached the undervoltage threshold
Bit is latched until a “Read & Clear” command
1
VS_OV
Vs overvoltage
‘1’ indicates the voltage at Vs has reached the overvoltage threshold
Bit is latched until a “Read & Clear” command
0
VS_UV
Vs under voltage
‘1’ indicates the voltage at Vs has reached the undervoltage threshold
Bit is latched until a “Read & Clear” command
6.5.8
Status register 8 (0x08)
Table 120. Status register 8
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
name
Access
R&C
R
R&C
L99DZ320
SPI Registers
DS14235 - Rev 5
page 130/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com