Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 131 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 131 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 127Page - STMicroelectronics L99DZ320 Datasheet HTML 128Page - STMicroelectronics L99DZ320 Datasheet HTML 129Page - STMicroelectronics L99DZ320 Datasheet HTML 130Page - STMicroelectronics L99DZ320 Datasheet HTML 131Page - STMicroelectronics L99DZ320 Datasheet HTML 132Page - STMicroelectronics L99DZ320 Datasheet HTML 133Page - STMicroelectronics L99DZ320 Datasheet HTML 134Page - STMicroelectronics L99DZ320 Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 146 page
background image
Table 121. Status register 8 description
Bit
Name
Description
23
EI2_WAKE
External interrupt 2 wake-up
‘1’ means wake-up from external interrupt 2
Bit is latched until a “Read & Clear” command
22:21
RESERVED
-
20
EI1_WAKE
External interrupt 1 wake-up
‘1’ means wake-up from external interrupt
Bit is latched until a “Read & Clear” command
19
WAKE_CAN
Wake-up from CAN
‘1’ means wake-up from CAN
Bit is latched until a “Read & Clear” command
18
WAKE_LIN
Wake-up from LIN
‘1’ means wake-up from LIN
Bit is latched until a “Read & Clear” command
17
WAKE_TIMER
Wake-up from timer
‘1’ means wake-up from timer
Bit is latched until a “Read & Clear” command
16
DEBUG_ACTIVE
Debug mode active
‘1’ means debug mode
Bit is latched until a “Read & Clear” command
15
V1UV
Voltage regulator V1 undervoltage
‘1’ indicates undervoltage condition at voltage regulator V1 (V1 < VRTx)
Bit is latched until a “Read & Clear” command
14
V1_RESTART_2
Voltage regulator V1 restart
Indicates the number of TSD2 events that caused a restart of voltage regulator V1
Bits cannot be cleared; the counter is cleared automatically if no additional TSD2 event occurs
within 1 minute
13
V1_RESTART_1
12
V1_RESTART_0
11
WDFAIL_CNT_3
Watchdog failure counter
Indicates number of subsequent watchdog failures
Bits cannot be cleared; is cleared with a valid watchdog trigger
10
WDFAIL_CNT_2
9
WDFAIL_CNT_1
8
WDFAIL_CNT_0
7
DEVICE_STATE_1
V2 short-circuit detection
Actual state
00 active mode after power-on or after “Read & Clear” command
01 active mode after wake-up from V1_Standby mode (before “Read & Clear” command)
10 active mode after wake-up from VBAT_Standby mode (before “Read & Clear” command)
11 not used
Bit is latched until a “Read & Clear” command; after a “Read & Clear access”, the device state is
updated
6
DEVICE_STATE_0
5
TSD2
Thermal shutdown 2
‘1’ indicates thermal shutdown 2 was reached
Bit is latched until a “Read & Clear” command
4
TSD1
Thermal shutdown 1
‘1’ indicates thermal shutdown 1 was reached
Bit is latched until a “Read & Clear” command
L99DZ320
SPI Registers
DS14235 - Rev 5
page 131/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com