Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 134 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 134 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 130Page - STMicroelectronics L99DZ320 Datasheet HTML 131Page - STMicroelectronics L99DZ320 Datasheet HTML 132Page - STMicroelectronics L99DZ320 Datasheet HTML 133Page - STMicroelectronics L99DZ320 Datasheet HTML 134Page - STMicroelectronics L99DZ320 Datasheet HTML 135Page - STMicroelectronics L99DZ320 Datasheet HTML 136Page - STMicroelectronics L99DZ320 Datasheet HTML 137Page - STMicroelectronics L99DZ320 Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 146 page
background image
Table 122. LQFP-64 mechanical data
Symbol
Millimeters/degrees
Min.
Typ.
Max.
Θ
0º
3.5°
7°
Θ1
0º
-
-
Θ2
10º
12°
14°
Θ3
10º
12°
14°
A
-
-
1.60
A1
0.05
-
0.15
A2
1.35
1.40
1.45
b
0.17
0.22
0.27
b1
0.17
0.20
0.23
c
0.09
-
0.20
c1
0.09
-
0.16
D
12.00 BSC
D1
10.00 BSC
D2
6.85
D3
5.7
e
0.50 BSC
E
12.00 BSC
E1
10.00 BSC
E2
4.79
E3
3.3
L
0.45
0.60
0.75
L1
1.00 REF
N
64
R1
0.08
-
-
R2
0.08
-
0.20
S
0.20
-
-
Tolerance of form and position
aaa
0.20
bbb
0.20
ccc
0.08
ddd
0.08
L99DZ320
Package information
DS14235 - Rev 5
page 134/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com