Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 129 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 125Page - STMicroelectronics L99DZ320 Datasheet HTML 126Page - STMicroelectronics L99DZ320 Datasheet HTML 127Page - STMicroelectronics L99DZ320 Datasheet HTML 128Page - STMicroelectronics L99DZ320 Datasheet HTML 129Page - STMicroelectronics L99DZ320 Datasheet HTML 130Page - STMicroelectronics L99DZ320 Datasheet HTML 131Page - STMicroelectronics L99DZ320 Datasheet HTML 132Page - STMicroelectronics L99DZ320 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 146 page
background image
Bit
Name
Description
LIN bus signal is dominant for t > Tdom(bus)
Bit is latched until a “Read & Clear” command
22
LIN_TXD_DOM
LIN TXD signal dominant timeout
TXDL pin is dominant for t > tdom(TXDL)
The LIN transmitter is disabled until the bit is cleared. Bit is latched until a “Read & Clear” command
21
LIN_PERM_REC
LIN bus signal permanent recessive
LIN bus signal does not follow TXDL within tLIN
The LIN transmitter is disabled until the bit is cleared. Bit is latched until a “Read & Clear” command
20
CAN_RXD_REC
CAN RXD signal permanent recessive
RXDC has not followed TXDC for 4 times
The CAN transmitter is disabled until the bit is cleared. Bit is latched until a “Read & Clear” command
19
CAN_PERM_REC
CAN bus signal permanent recessive
CAN bus signal did not follow TXDC for 4 times
The CAN transmitter is disabled until the bit is cleared. Bit is latched until a “Read & Clear” command
18
CAN_PERM_DOM
CAN bus signal permanent dominant
CAN bus signal is dominant for t > tCAN
Bit is latched until a “Read & Clear” command
17
CAN_TXD_DOM
CAN TXD signal permanent dominant
TXDC pin is dominant for t > tdom(TXDC)
The CAN transmitter is disabled until the bit is cleared. Bit is latched until a “Read & Clear” command
16
CANTO
CAN communication timeout
Bit is set if there is no communication on the bus for t > tSilence; CANTO indicates that there was a transition
from BIAS ON to BIAS OFF
Bit is latched until a “Read & Clear” command
15
DSMON_HS2
Drain-source monitoring HS2
‘1’ indicates a short-circuit or open-load condition was detected
Bit is latched until a “Read & Clear” command
14
DSMON_HS1
Drain-source monitoring HS1
‘1’ indicates a short-circuit or open-load condition was detected
Bit is latched until a “Read & Clear” command
13
DSMON_LS2
Drain-source monitoring LS2
‘1’ indicates a short-circuit or open-load condition was detected
Bit is latched until a “Read & Clear” command
12
DSMON_LS1
Drain-source monitoring LS1
‘1’ indicates a short-circuit or open-load condition was detected
Bit is latched until a “Read & Clear” command
11
SPI_INV_CMD
Invalid SPI command
‘1’ indicates one of the following conditions was detected:
•
Access to undefined address
•
Write operation to Status Register
•
DI stuck at '0' or '1'
•
CSN timeout
•
Parity failure
•
Invalid or undefined setting
The SPI frame is ignored. Bit is latched until a “Read & Clear” command
L99DZ320
SPI Registers
DS14235 - Rev 5
page 129/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com