Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320 Datasheet(PDF) 120 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 116Page - STMicroelectronics L99DZ320 Datasheet HTML 117Page - STMicroelectronics L99DZ320 Datasheet HTML 118Page - STMicroelectronics L99DZ320 Datasheet HTML 119Page - STMicroelectronics L99DZ320 Datasheet HTML 120Page - STMicroelectronics L99DZ320 Datasheet HTML 121Page - STMicroelectronics L99DZ320 Datasheet HTML 122Page - STMicroelectronics L99DZ320 Datasheet HTML 123Page - STMicroelectronics L99DZ320 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 146 page
background image
6.4.14
Control register 18 (0x3F)
Table 104. Control register 18
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
name
Reset
value
0
1
0
1
0
Access RW
R
RW
R
RW
R
RW
Table 105. CR18 signals description
Bit
Name
Description
23
EI2_PU
External Interrupt 2: configuration of internal current source
0: pull-down (default)
1: pull-up
Note: the setting is valid only if input is configured as External Interrupt in CR1 (0x26).
22:21
RESERVED
-
20
EI1_PU
External Interrupt 1: configuration of internal current source
0: pull-down (default)
1: pull-up
19
EI2_EN
External Interrupt 2 enable
0: EI2 disabled
1: EI2 enabled (default)
Note: the setting is valid only if input is configured as External Interrupt in CR1 (0x26).
18:17
RESERVED
-
16
EI1_EN
External Interrupt 2 enable
0: EI1 disabled
1: EI1 enabled (default)
15
EI2_FILT_1
External Interrupt 2: configuration of input filter
Input Filter Configuration
00 External Interrupt 2 monitored in static mode (filter time twu_stat) (default)
01 External Interrupt 2 monitored in cyclic mode with Timer2 (filter time: tWU_cyc; blanking time 80% of
timer ON time)(1)
10 External Interrupt 2 monitored in cyclic mode with Timer1 (filter time: tWU_cyc; blanking time 80% of
timer ON time)(1)
11 Invalid setting; command is ignored and SPI INV CMD id set
Note: EI2_FILT_[1:0] setting is only valid if input is configured as External Interrupt in CR1 (0x26).
14
EI2_FILT_0
13:10
RESERVED
-
9
EI1_FILT_1
External Interrupt 1: configuration of input filter
Input Filter Configuration
00 External Interrupt 1 monitored in static mode (filter time twu_stat) (default)
01 External Interrupt 1 monitored in cyclic mode with Timer 2 (filter time: tWU_cyc; blanking time 80% of
timer ON time)(1)
8
EI1_FILT_0
L99DZ320
SPI Registers
DS14235 - Rev 5
page 120/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com